Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGD-312D Datasheet(PDF) 1 Page - AAEON Technology

Part # AGD-312D
Description  12.1" XGA Rugged Touch Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AGD-312D Datasheet(HTML) 1 Page - AAEON Technology

  AGD-312D Datasheet HTML 1Page - AAEON Technology AGD-312D Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
07-5
07
Features
Specifications
12.1” XGA (1024 x 768) TFT LCD Display
IP-65 Aluminum Die Cast Front Bezel
Supports 5-Wire Resistive Touch Screen
Easy-To-Maintain: Two Front USB Ports
Power Protection:
Over-Voltage Protection
Under Voltage Protection
Reverse Protection
Flexible Interfaces:
DVI/VGA For Video Input
RS-232/ Mini-USB For Touch Screen
Wide Temperature Range: -4°F ~ 140°F (-20°C ~ 60°C)
System
Input Signal
VGA/DVI
On Screen Display Control
MENU, AUTO, LCD On/Off, UP, DOWN
I/O Connector
VGA/DVI, RS-232/ mini-USB (For T/S), DIP Switch, USB x 2 (on front panel)
(AGD-312DHTT-A2)
OS Support
Windows® XP, Windows® 7, Linux Fedora
Mechanical
Construction
IP-65/ NEMA4 for aluminum die cast front bezel & steel chassis
Mounting
Panel/ VESA 75/100/ Wall
Dimension
13.61" x 10.46" x 4.28" (345.8mm x 265.8mm x 108.8mm)
Carton Dimension
20.67" x 18.31" x 9.1" (525mm x 465mm x 230mm)
Gross Weight
13 lb (5.9 Kg)
Net Weight
9 lb (4.1 Kg)
Environmental
Operating Temperature
-4°F ~ 140°F (-20°C~60°C)
Storage Temperature
-4°F ~ 140°F (-20°C~60°C)
Storage Humidity
10%~95% @ 40°C; non-condensing
Vibration
1 g rms/ 5~500Hz/ Random operation
Shock
15 G peak acceleration (11 msec. Duration)
EMC
CE/FCC Class A
Power Supply
DC Input
9~30V DC, w/3-pin terminal block
Over-voltage (31V DC)
Under-voltage (8V DC)
Reverse protection
Surge protection (1000V DC)
LCD
Display type
12.1” TFT-LCD
Max Resolution
1024 x 768
Max. Colors
16.7M colors (6/8-bit for R,G,B)
Luminance
500 cd/m2
Viewing Angle
170°(H), 160°(V)
Back Light
LED
Back Light MTBF (hours)
50,000
Touchscreen
Type
5-wire resistive
Light Transmission
80%
Lifetime (Times)
35 million activations
USB x 2
Power in
VGA
RS-232 (For T/S)
Mini-USB (For T/S)
DVI-D
Down
Up
Menu
Auto
LCD On/Off
12.1” XGA Rugged Touch Display
AGD-312D


Similar Part No. - AGD-312D

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AGD-312R AAEON-AGD-312R Datasheet
321Kb / 2P
   12.1??XGA (1024 x 768 ) TFT LCD Display
AGD-312RHT-A1-1010 AAEON-AGD-312RHT-A1-1010 Datasheet
321Kb / 2P
   12.1??XGA (1024 x 768 ) TFT LCD Display
AGD-312RHTT-A2-1010 AAEON-AGD-312RHTT-A2-1010 Datasheet
321Kb / 2P
   12.1??XGA (1024 x 768 ) TFT LCD Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com