Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-AGD-317RHT-A1-1010 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-AGD-317RHT-A1-1010
Description  17" SXGA Rugged Touch Display With Remote Display Technology
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AGD-317RHT-A1-1010 Datasheet(HTML) 2 Page - AAEON Technology

  TF-AGD-317RHT-A1-1010 Datasheet HTML 1Page - AAEON Technology TF-AGD-317RHT-A1-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08-4
Dimension
Unit: mm
Ordering Information
TF-AGD-317RHT-A1-1010
17” Rugged Display with Remote Display Technology (No T/S)
TF-AGD-317RHTT-A2-1010
17” Rugged Touch Display with Remote Display Technology, two front USB Ports, Resistive T/S
Optional Accessories
AGD-317R
9761317502
Rackmount kit for AGD-317R
1757908401
AC/DC Power Adapter, 12V 84W
1709051000
Mini-USB to USB Type A for Touch Screen
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
Cut Size Information:
404.03mm x 338.03mm


Similar Part No. - TF-AGD-317RHT-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AGD-315PHTT-A1-1010 AAEON-TF-AGD-315PHTT-A1-1010 Datasheet
381Kb / 2P
   15" XGA Rugged Touch Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com