Electronic Components Datasheet Search |
|
AHP-1081 Datasheet(PDF) 1 Page - AAEON Technology |
|
AHP-1081 Datasheet(HTML) 1 Page - AAEON Technology |
1 / 2 page Note: All specifications are subject to change without notice. 01-5 01 Features Specifications Intel® Atom™ N270 1.6 GHz Onboard ■ ■ 8.4” 450 Nits SVGA LED Backlight ■ ■ Fanless Operation ■ ■ IP-65 Front Bezel ■ ■ Slim Design: 50 mm ■ ■ WiFi (Optional) ■ ■ 8.4 ” SVGA HMI Touch Panel Computer With Onboard Intel® Atom™ N270 1.6 GHz Processor System Processor Intel® Atom™ N270, 1.6 GHz System Memory DDR2 SODIMM, up to 2GB LCD/CRT Controller Integrated graphics in Intel® 945GSE Ethernet 10/100/1000Base-TX, RJ-45 x 2 I/O Port USB2.0 x 2, RS-232 x 1, RS-232/422/485 x 1, LAN x 2, VGA x 1 Storage Disk Drive 2.5" SATA Hard Disk Driver /CompactFlash™ Slot (Internal) Expansion Slot Mini-PCI x 1 OS support WinCE 6.0, Windows® XP Embedded, Windows® XP, Windows® 7, Windows® Embedded Standard 7, Linux Fedora Mechanical Construction IP-65 certified Plastic front panel, Aluminum back panel Color Front Panel: Gray, Back panel: Light Gray Mounting VESA 75/ Panel Dimension 9.65“ x 7.2“ x 1.97“ (245mm x 183mm x50mm) Gross Weight 4.4 lb (2 Kg) Net Weight 3.3 lb (1.5 Kg) Environmental Operating Temperature 32°F ~ 122°F (0°C ~ 50°C) Storage Temperature -4°F ~ 158°F (-20°C ~ 70°C) Storage Humidity 5%~90% @40°C, non-condensing Vibration 1 g rms/ 5~ 500Hz/ operation – With HDD Shock 20 G peak acceleration (11 msec. duration) EMC CE/FCC class A Power Supply DC input DC 12V w/ 2-pin terminal block LCD Display Type 8.4" TFT-LCD Max Resolution 800 x 600 Max. Colors 16.2M colors Luminance 450 cd/m2 Viewing Angle 160°(H), 140°(V) Back Light LED Back Light MTBF (hours) 50,000 Touchscreen Type 5-wire,Analog Resistive Resolution 2048 x 2048 Light Transmission >80% Life time 35 Million activations AHP-1081 Power Button USB x 2 GigaLAN x 2 VGA RS-232/422/485 RS-232 DC 12V input |
Similar Part No. - AHP-1081 |
|
Similar Description - AHP-1081 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |