Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2441 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2441
Description  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2441 Datasheet HTML 3Page - Analog Devices ADP2441 Datasheet HTML 4Page - Analog Devices ADP2441 Datasheet HTML 5Page - Analog Devices ADP2441 Datasheet HTML 6Page - Analog Devices ADP2441 Datasheet HTML 7Page - Analog Devices ADP2441 Datasheet HTML 8Page - Analog Devices ADP2441 Datasheet HTML 9Page - Analog Devices ADP2441 Datasheet HTML 10Page - Analog Devices ADP2441 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADP2441
Rev. A | Page 7 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
LOAD (A)
1
VIN = 5V
VIN = 24V
VOUT = 3.3V
fSW = 300kHz
COILCRAFT MSS1038
VIN = 12V
Figure 4. Efficiency vs. Load Current,
VOUT = 3.3 V, fSW = 300 kHz
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
1
LOAD (A)
VIN = 12V
VIN = 24V
VIN = 36V
VOUT = 5V
fSW = 300kHz
COILCRAFT MSS1038
Figure 5. Efficiency vs. Load Current,
VOUT = 5 V, fSW = 300 kHz
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
1
LOAD (A)
VIN = 24V
VIN = 36V
VOUT = 12V
fSW = 300kHz
COILCRAFT MSS1038
Figure 6. Efficiency vs. Load Current,
VOUT = 12 V, fSW = 300 kHz
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
1
LOAD (A)
VIN = 5V
VIN = 12V
VIN = 24V
VOUT = 3.3V
fSW = 700kHz
COILCRAFT MSS1038
Figure 7. Efficiency vs. Load Current,
VOUT = 3.3 V, fSW = 700 kHz
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
1
LOAD (A)
VIN = 12V
VIN = 36V
VOUT = 5V
fSW = 700kHz
COILCRAFT MSS1038
VIN = 24V
Figure 8. Efficiency vs. Load Current,
VOUT = 5 V, fSW = 700 kHz
0
20
40
60
80
100
10
30
50
70
90
0.01
0.1
1
LOAD (A)
VOUT = 12V
fSW = 600kHz
COILCRAFT MSS1038
VIN = 24V
VIN = 36V
Figure 9. Efficiency vs. Load Current,
VOUT = 12 V, fSW = 600 kHz


Similar Part No. - ADP2441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2441-EVALZ AD-ADP2441-EVALZ Datasheet
1Mb / 12P
   The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.
REV. 0
More results

Similar Description - ADP2441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2442 AD-ADP2442 Datasheet
1Mb / 36P
   36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
Rev. B
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
   20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com