Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1583B Datasheet(PDF) 2 Page - Analog Devices

Part # AD1583B
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1583B Datasheet(HTML) 2 Page - Analog Devices

  AD1583B Datasheet HTML 1Page - Analog Devices AD1583B Datasheet HTML 2Page - Analog Devices AD1583B Datasheet HTML 3Page - Analog Devices AD1583B Datasheet HTML 4Page - Analog Devices AD1583B Datasheet HTML 5Page - Analog Devices AD1583B Datasheet HTML 6Page - Analog Devices AD1583B Datasheet HTML 7Page - Analog Devices AD1583B Datasheet HTML 8Page - Analog Devices AD1583B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD1582/AD1583/AD1584/AD1585
–2–
REV. D
AD1582–SPECIFICATIONS
AD1582A
AD1582B
AD1582C
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE (@ 25
°C)
VO
2.480
2.500
2.520
2.498
2.500
2.502
2.496
2.500
2.504
V
INITIAL ACCURACY ERROR (@ 25
°C)
VOERR
–20
+20
–2
+2
–4
+4
mV
–0.80
+0.80 –0.08
+0.08 –0.16
+0.16 %
OUTPUT VOLTAGE TEMPERATURE DRIFT
100
50
50
ppm/
°C
TEMPERATURE COEFFICIENT (TCVO)
–40
°C < T
A < +125
°C40
100
18
50
18
50
ppm/
°C
0
°C < T
A < 70
°C351515
ppm/
°C
MINIMUM SUPPLY HEADROOM (VIN–VOUT)
200
200
200
mV
LOAD REGULATION
0 mA < IOUT < 5 mA (–40
°C to +85°C)
0.2
0.2
0.2
mV/mA
0 mA < IOUT < 5 mA (–40
°C to +125°C)
0.4
0.4
0.4
mV/mA
–5 mA < IOUT < 0 mA (–40
°C to +85°C)
0.25
0.25
0.25
mV/mA
–5 mA < IOUT < 0 mA (–40
°C to +125°C)
0.45
0.45
0.45
mV/mA
–0.1 mA < IOUT < +0.1 mA (–40
°C to +85°C)
2.7
2.7
2.7
mV/mA
–0.1 mA < IOUT < +0.1 mA (–40
°C to +125°C)
3.5
3.5
3.5
mV/mA
LINE REGULATION
VOUT 200 mV < VIN < 12 V
IOUT = 0 mA
25
25
25
µV/V
RIPPLE REJECTION (
∆V
OUT/
∆V
IN)
VIN = 5 V
± 100 mV (f = 120 Hz)
80
80
80
dB
QUIESCENT CURRENT
70
70
70
µA
SHORT-CIRCUIT CURRENT TO GROUND
15
15
15
mA
NOISE VOLTAGE (@ 25
°C)
0.1 Hz to 10 Hz
70
70
70
µV p-p
10 Hz to 10 kHz
50
50
50
µV rms
TURN-ON SETTLING TIME TO 0.1%,
CL = 0.2
µF
100
100
100
µs
LONG-TERM STABILITY
1000 Hours @ 25
°C
100
100
100
ppm/1000 hrs.
OUTPUT VOLTAGE HYSTERESIS
115
115
115
ppm
TEMPERATURE RANGE
Specified Performance (A, B, C)
–40
+125
–40
+125
–40
+125
°C
Operating Performance (A, B, C)
–55
+125
–55
+125
–55
+125
°C
Specifications subject to change without notice.
(@ TA = TMIN to TMAX, VIN = 5 V, unless otherwise noted.)


Similar Part No. - AD1583B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1583BRT-R2 AD-AD1583BRT-R2 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1583BRT-REEL7 AD-AD1583BRT-REEL7 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1583BRTZ-REEL7 AD-AD1583BRTZ-REEL7 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
More results

Similar Description - AD1583B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1585 AD-AD1585_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com