Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1846 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1846
Description  Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1846 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1846 Datasheet HTML 4Page - Analog Devices AD1846 Datasheet HTML 5Page - Analog Devices AD1846 Datasheet HTML 6Page - Analog Devices AD1846 Datasheet HTML 7Page - Analog Devices AD1846 Datasheet HTML 8Page - Analog Devices AD1846 Datasheet HTML 9Page - Analog Devices AD1846 Datasheet HTML 10Page - Analog Devices AD1846 Datasheet HTML 11Page - Analog Devices AD1846 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD1846
REV. A
–8–
Analog Signals
Pin Name
PLCC
I/O
Description
L_LINE
30
I
Left Line Input. Line level input for the left channel.
R_LINE
27
I
Right Line Input. Line level input for the right channel.
L_MIC
29
I
Left Microphone Input. Microphone input for the left channel. This signal can be ei-
ther line level or –20 dB from line level.
R_MIC
28
I
Right Microphone Input. Microphone input for the right channel. This signal can be
either line level or –20 dB from line level.
L_AUX1
39
I
Left Auxiliary #1 Line Input
R_AUX1
42
I
Right Auxiliary #1 Line Input
L_AUX2
38
I
Left Auxiliary #2 Line Input
R_AUX2
43
I
Right Auxiliary #2 Line Input
L_OUT
40
O
Left Line Level Output
R_OUT
41
O
Right Line Level Output
Miscellaneous
Pin Name
PLCC
I/O
Description
XTAL1I
17
I
24.576 MHz Crystal #1 Input
XTAL1O
18
O
24.576 MHz Crystal #1 Output
XTAL2I
21
I
16.9344 MHz Crystal #2 Input
XTAL2O
22
O
16.9344 MHz Crystal #2 Output
PWRDWN
23
I
Power-Down Signal. Active LO control places AD1846 in its lowest power consump-
tion mode. All sections of the AD1846, including the digital interface, are shut down
and consume minimal power.
INT
57
O
Host Interrupt Pin. This signal is used to notify the host that the DMA Current Count
Register has underflowed.
XCTL1:O
56 & 58
O
External Control. These signals reflect the current status of register bits inside the
AD1846. They can be used for signaling or to control external logic. XLTL1 and
XLTL0 are open-drain outputs.
VREF
32
O
Voltage Reference. Nominal 2.25 volt reference available externally for dc-coupling and
level-shifting. VREF should not be used where it will sink or source current.
VREF_F
33
I
Voltage Reference Filter. Voltage reference filter point for external bypassing only.
L_FILT
31
I
Left Channel Filter Input. This pin requires a 1.0
µF capacitor to analog ground for
proper operation.
R_FILT
26
I
Right Channel Filter Input. This pin requires a 1.0
µF capacitor to analog ground for
proper operation.
NC
46–52, 55
No Connect. Do not connect.
Power Supplies
Pin Name
PLCC
I/O
Description
VCC
35 & 36
I
Analog Supply Voltage (+5 V)
GNDA
34 & 37
I
Analog Ground
VDD
1, 7, 15, 19,
I
Digital Supply Voltage (+5 V)
24, 45, 54
GNDD
2, 8, 16, 20,
I
Digital Ground
25, 44, 53, 64


Similar Part No. - AD1846

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results

Similar Description - AD1846

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com