Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS-Q454 Datasheet(PDF) 1 Page - AAEON Technology

Part # AIS-Q454
Description  Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AIS-Q454 Datasheet(HTML) 1 Page - AAEON Technology

  AIS-Q454 Datasheet HTML 1Page - AAEON Technology AIS-Q454 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
14-9
14 AIS-Q454
Advanced Mini-ITX System Controller With Intel® Core™ 2 Duo/ Quad Processor
Intel® Core™ 2 Duo/ Quad LGA775 Processor
Dual-Channel DDR3 800/1066 Memory (Up To 4 GB)
Intel® Integrated Graphics Engine 4500 Supports Dual View
With VGA & DVI
Gigabit Ethernet x 2
3.5” x 1 Internal Drive Bay, Slim Optical Drive Bay x 1
USB2.0 x 6, COM x 2
Four-Slot Expansions
Power & HDD LED
USB2.0
Power Switch
COM2
VGA
LAN1
LAN2
USB2.0
COM1
DVI-D
Keyboard & Mouse
Power AC In
PCIe & PCI Slot
Audio
DVD-RW
CPU
Intel® Core™ 2 Duo/Quad LGA 775, max. TDP 95W
Chipset
Intel® Q45 + Intel® ICH10DO
System Memory
Up to 4 GB (DDR3 800/1066 MHz, DIMM x 2 )
Display
Interface
VGA
1
DVI
1
Others
Storage Device
SSD
HDD
3.5" HDD x 2
Network
LAN
10/100/1000Base-TX x 2
Wireless
Front I/O
USB Host
USB2.0 x 2
LAN
Serial port
DIO
Audio
KB/MS
Others
Rear I/O
USB Host
USB2.0 x 4
LAN
RJ-45 x 2
Serial port
COM x 2
DIO
Audio
Audio Jack x 3
KB/MS
1
Others
Expansion
PCIe
PCI-Express[x16] x 1, PCI-Express[x4] x 1
PCI
2
Mini card
Mini PCI
Others
Indicator
Front
HDD x 1, PWR x 1
Rear
Power Requirement
AC-In 275W
Power Consumption
Intel® Q9400, TDP 95W
System Cooling
Active Cooling
Mounting
Desktop
Operating Temperature
32°F ~ 104°F (0°C ~ 40°C)
Storage Temperature
-4°F ~ 140°F (-20°C ~ 60°C)
Anti-Vibration
0.5 g rms/ 5~500 Hz/ Operation
Anti-Shock
15 G with 11 m/sec, Operation
MTBF
55,000
Certification
EMC
CE/FCC
Safety
Dimension (W x H x D)
14.17" x 3.9" x 11.8" (360mm x 100mm x 300mm)
Gross Weight
14.3 lb (6.5 kg)
Note
Features
Specifications


Similar Part No. - AIS-Q454

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AIS-Q450 AAEON-AIS-Q450 Datasheet
252Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
AIS-Q452 AAEON-AIS-Q452 Datasheet
280Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
More results

Similar Description - AIS-Q454

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AIS-Q450 AAEON-AIS-Q450 Datasheet
252Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
AIS-Q452 AAEON-AIS-Q452 Datasheet
280Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core 2 Duo/ Quad Processor
AIS-E1 AAEON-AIS-E1 Datasheet
989Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-Q572 AAEON-AIS-Q572 Datasheet
266Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-Q574 AAEON-AIS-Q574 Datasheet
334Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
logo
Protech Systems Co., Lt...
PMB-534LF PROTECHSYSTEMS-PMB-534LF Datasheet
540Kb / 2P
   Intel Core 2 Duo Mini-ITX Motherboard
logo
AAEON Technology
AEC-6930 AAEON-AEC-6930 Datasheet
273Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6924 AAEON-AEC-6924 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AIS-E2 AAEON-AIS-E2 Datasheet
324Kb / 2P
   Advanced Mini-ITX System Controller with 3rd Gen Intel Core i7/i5/i3 Processor
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com