Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS-Q572 Datasheet(PDF) 2 Page - AAEON Technology

Part # AIS-Q572
Description  Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AIS-Q572 Datasheet(HTML) 2 Page - AAEON Technology

  AIS-Q572 Datasheet HTML 1Page - AAEON Technology AIS-Q572 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14-4
AIS-Q572
Packing List
Ordering Information
Optional Accessories
TF-AIS-Q572-A10
Advanced Mini-ITX System, Intel® LGA1156 CPU, VGA, DVI, 2 GbE LAN, 8 USB, 2 COM, Audio, 2 Slots, Rev. A1.0
Slim CD-ROM/ Combo/ DVD-RW
1709130150
(TF) Slim CD-ROM SATA CABLE, with Lock (F), 4P POWER, 15cm
9761Q45000
(TF) SATA to CompactFlash™ Bridge Board, LYCOM, ST-123CF
1702031802
(TF) Power Cord, 3P-125V/10A 180D, 1.8M, USA
1702031803
(TF) Power Cord, 3P-250V/10A 180D, 1.8M, Europe
170203180E
(TF) Power Cord, 3P, 125V/7A 180D, 1.8M, Japan
S221005030
4 HDD Screws
S225006010
8 Wallmount Bracket Screws
M04Q452020
2 Wallmount Brackets
1990666615
4 Rubber Feet
Product CD
AIS-Q572
Dimension
Unit: mm


Similar Part No. - AIS-Q572

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AIS-Q574 AAEON-AIS-Q574 Datasheet
334Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
More results

Similar Description - AIS-Q572

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AIS-E1 AAEON-AIS-E1 Datasheet
989Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-Q574 AAEON-AIS-Q574 Datasheet
334Kb / 2P
   Advanced Mini-ITX System Controller With Intel Core i7/i5/i3 Processor
AIS-E2 AAEON-AIS-E2 Datasheet
324Kb / 2P
   Advanced Mini-ITX System Controller with 3rd Gen Intel Core i7/i5/i3 Processor
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3 Processor
EMB-B75B AAEON-EMB-B75B Datasheet
397Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core??i7/ i5/ i3 Processor
EMB-H61A AAEON-EMB-H61A Datasheet
432Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3/ Pentium Processor
IMBI-Q57 AAEON-IMBI-Q57 Datasheet
298Kb / 2P
   Industrial Motherboard with Intel Core i7/i5/i3 Processor
logo
Axiomtek Co., Ltd.
PICO512 AXIOMTEK-PICO512 Datasheet
376Kb / 1P
   Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 & Celeron Processor
logo
List of Unclassifed Man...
IPC-I5619M-2R ETC2-IPC-I5619M-2R Datasheet
655Kb / 2P
   Intel Core i7/i5/i3 Sandy bridge Processor
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
   4th Generation Intel Core i7/i5/i3 processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com