Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-AOP-9150HT-A1-1010 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-AOP-9150HT-A1-1010
Description  15??Intel Atom Processor-Based Operator Panel PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AOP-9150HT-A1-1010 Datasheet(HTML) 2 Page - AAEON Technology

  TF-AOP-9150HT-A1-1010 Datasheet HTML 1Page - AAEON Technology TF-AOP-9150HT-A1-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08-2
Dimension
Unit: mm
TF-AOP-9150HT-A1-1010
Fanless Operator Panel, Intel® N270 1.6 GHz, 15” TFT, AC, R-TS, AT
TF-AOP-9150HT-A2-1010
Fanless Operator Panel, Intel® N270 1.6 GHz, 15” TFT, DC, R-TS, ATX
Ordering Information
9741850R00
Wireless LAN Kit, IEEE802.11b/g, with Antenna
ARM-WK075-0
Wallmount Kit with VESA 75/100mm Standards
ARM-LA0115
Swivel Arm with VESA 75/100mm Standards
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
9697C20012-DIP
Card Reader
STAND-9150B0
Desktop Stand
Slim CD-ROM/Combo/DVD-ROM
2.5” Hard Disk Drive
CompactFlash™ Slot Kit
Optional Accessories
AOP-9150
AUDIO
MIC
LAN / USB
LAN / USB
DVI
VGA
COM 2
COM 1
MS / KB
LPT
COM 4
COM 3
POWER
CARD
READER
AOP - 9150
UNIT : mm
Cutout Size : 394 x 297.5 mm


Similar Part No. - TF-AOP-9150HT-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AOP-9120HT-A1-1011 AAEON-TF-AOP-9120HT-A1-1011 Datasheet
683Kb / 2P
   12.1??Intel Atom Processor-Based Operator Panel PC
TF-AOP-9120HT-A2-1011 AAEON-TF-AOP-9120HT-A2-1011 Datasheet
683Kb / 2P
   12.1??Intel Atom Processor-Based Operator Panel PC
More results

Similar Description - TF-AOP-9150HT-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AOP-9120 AAEON-AOP-9120 Datasheet
683Kb / 2P
   12.1??Intel Atom Processor-Based Operator Panel PC
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150_15 Datasheet
436Kb / 2P
   15" Fanless Panel PC with Intel Atom Quad-Core Processor
C-BUNDLE-ARK1122-3 ADVANTECH-C-BUNDLE-ARK1122-3 Datasheet
808Kb / 2P
   15 Intel Atom N2600 Modular Fanless Panel PC
PPC-3170-RE4AE ADVANTECH-PPC-3170-RE4AE Datasheet
442Kb / 2P
   17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-3190-RE4AE ADVANTECH-PPC-3190-RE4AE Datasheet
463Kb / 2P
   19" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-L157T-080-XE ADVANTECH-PPC-L157T-080-XE Datasheet
590Kb / 2P
   15" Fanless Panel PC with Intel짰 Atom??N270 Processor
logo
Intel Corporation
319535-003US INTEL-319535-003US Datasheet
1,009Kb / 73P
   Intel Atom Processor
logo
Advantech Co., Ltd.
PPC-3170 ADVANTECH-PPC-3170 Datasheet
381Kb / 2P
   17 Fanless Panel PC with Intel Atom™ Quad-Core Processor
1-Aug-2022
logo
Axiomtek Co., Ltd.
GOT3156T-834 AXIOMTEK-GOT3156T-834 Datasheet
378Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor
logo
Advantech Co., Ltd.
PPC-3100 ADVANTECH-PPC-3100 Datasheet
381Kb / 2P
   10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com