Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1847JP Datasheet(PDF) 10 Page - Analog Devices

Part # AD1847JP
Description  Serial-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847JP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1847JP Datasheet HTML 6Page - Analog Devices AD1847JP Datasheet HTML 7Page - Analog Devices AD1847JP Datasheet HTML 8Page - Analog Devices AD1847JP Datasheet HTML 9Page - Analog Devices AD1847JP Datasheet HTML 10Page - Analog Devices AD1847JP Datasheet HTML 11Page - Analog Devices AD1847JP Datasheet HTML 12Page - Analog Devices AD1847JP Datasheet HTML 13Page - Analog Devices AD1847JP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD1847
REV. B
–10–
Control Word (16-Bit)
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
CLOR
MCE
RREQ
res
IA3
IA2
IA1
IA0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
DATA7:0 Index Register Data. These bits are the data for the desired AD1847 Index Register referenced by the Index Address.
Written by the host CPU or DSP to the AD1847.
IA3:0
Index Register Address. These bits define the indirect address of the desired AD1847 Index Register. Written by the host
CPU or DSP to the AD1847.
RREQ
Read Request. Setting this bit indicates that the current transfer is a request by the host CPU or DSP for readback of the
contents of the indirect addressed Index Register. When this bit is set (RREQ = HI), the AD1847 will not transmit its
Status Word in the following Status Word Index readback slot, but will instead transmit the data in the Index Register
specified by the Index Address. Although the Index Readback is transmitted in the following Status Word/Index
Readback time slot, the format of the Control Word is used (i.e., CLOR, MCE, RREQ and the Index Register Address
in the most significant byte, and the readback Index Register Data in the least significant byte). When this bit is reset
(RREQ = LO), the AD1847 will transmit its Status Word in the following Status Word Index Readback time slot.
A read request is serviced in the next available Index Readback time slot. If TSSEL = 0, the Index Register readback
data is transmitted in slot 3 of the same sample. If TSSEL = 1, Index Register readback data is transmitted in slot 0 of
the next sample. If TSSEL changes from 0 to 1, Index Register readback will occur twice, in slot 3 of the current sample,
and slot 0 of the next. If TSSEL changes from 1 to 0, the last read request is lost.
res
Reserved for future expansion. Write zeros (LO) to all reserved bits.
MCE
Mode Change Enable. This bit must be set (MCE = HI) whenever protected control register bits of the AD1847 are
changed. The Data Format register, the Miscellaneous Information register, and the ACAL bit of the Interface Configu-
ration register can NOT be changed unless this bit is set. The DAC outputs will be muted when MCE is set. The user
must mute the AUX1 and AUX2 channels when this bit is set (no audio activity should occur). Written by the host CPU
or DSP to the AD1847. This bit is HI after reset.
CLOR
Clear Overrange. When this bit is set (CLOR = HI), the overrange bits in the Status Word are updated every sample.
When this bit is reset (CLOR = LO), the overrange bits in the Status Word will record the largest overrange value. The
largest overrange value is sticky until the CLOR bit is set. Written by the host CPU or DSP to the AD1847. Since there
can be up to 2 samples in the data pipeline, a change to CLOR may take up to 2 samples periods to take effect. This bit
is HI after reset.
Immediately after reset, the contents of this register is: 1100 0000 0000 0000 (C000h).
Left/Right Playback/Capture Data (16-Bit)
The data formats for Left Playback, Right Playback, Left Capture and Right Capture are all identical.
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
DATA15
DATA14
DATA13
DATA12
DATA11
DATA10
DATA9
DATA8
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
DATA15:0 Data Bits. These registers contain the 16-bit, MSB first data for capture and playback. The host CPU or DSP reads the
capture data from the AD1847. The host CPU or DSP writes the playback data to the AD1847. For 8-bit linear or 8-bit
companded modes, only DATA15:8 contain valid data; DATA7:0 are ignored during capture, and are zeroed during
playback. Mono mode plays back the same audio sample on both left and right channels. Mono capture only captures
data from the left audio channel. See “Serial Data Format” Timing Diagram.
Immediately after reset, the content of these registers is: 0000 0000 0000 0000 (0000h).


Similar Part No. - AD1847JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results

Similar Description - AD1847JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com