Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-COM-945GSEW1-A11 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-COM-945GSEW1-A11
Description  COM Express Type 2 CPU Module With Onboard Intel Atom N270 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-COM-945GSEW1-A11 Datasheet(HTML) 1 Page - AAEON Technology

  TF-COM-945GSEW1-A11 Datasheet HTML 1Page - AAEON Technology TF-COM-945GSEW1-A11 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
05-19
05
Features
Specifications
COM-945GSE
Onboard Intel® Atom™ N270 Processor
Intel® 945GSE + ICH7M
SODIMM DDR2 400/533 Memory, Max. 2 GB
Gigabit Ethernet
CRT, 18-bit Dual-channel LVDS LCD, SDVO
High Definition Audio Interface
PATA x 1, SATA 1.5Gb/s x 2
USB2.0 x 8
PCI x 4, PCI-Express [x1] x 3
Wide DC Input Range, +8.5V To +19V (Optional)
COM Express Pin-out Type 2
Compact Module Size, 95mm x 95mm, COM.0 Rev. 1.0
COM Express Type 2 CPU Module With Onboard Intel® Atom™ N270 Processor
M2.5 Screw x 4
Product CD
COM-945GSE
Packing List
System
Form Factor
COM Express compact module, Pin-out Type 2, COM.0 Rev. 1.0
Processor
Onboard Intel® Atom™ N270 Processor, 1.6 GHz, FSB 533 MHz
System Memory
200-pin DDR2 SODIMM x 1, Max. 2 GB (DDR2 400/533)
Chipset
Intel® 945GSE + ICH7M
I/O Chipset
ICH7M
Ethernet
Intel® 82574L, 10/100/1000Base-TX
BIOS
Award BIOS v8.0
SPI type, 2 MB ROM
EEPROM
Atmel® AT24C02, save BIOS and configuration data (Optional)
Wake on LAN
Yes
Watchdog Timer
Fintek F75111
H/W Status Monitoring
Supports CPU temperature monitoring
Expansion Interface
PCI-Express [x1] x 3 (82801GBM)
PCI-Express [x1] x 5 (82801GHM) (Optional)
32-bit PCI x 4
LPC bus x 1
SMBus x 1
I2C x 1
Power Requirement
Wide DC input range, +8.5V to +19V (Optional)
Nominal: +12V
2-pin wafer for RTC battery
Power Consumption
(Typical)
Intel® Atom™ N270 1.6 GHz, DDR2 533 1 GB
1.31A @ +12V
0.36A @ +5V (w/ECB-916M)
Board Size
3.74" (L) x 3.74" (W) (95mm x 95mm)
Gross Weight
0.55 lb (0.25 Kg)
Operating Temperature
32˚F ~ 140˚F (0˚C ~ 60˚C), -4
°F ~ 158°F (-20°C ~ 70°C) for WiTAS 1
Storage Temperature
-40˚F ~ 176˚F (-40˚C ~ 80˚C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
100,000
Display
Supports CRT/LCD simultaneous/ dual view displays
Chipset
Intel® 945GSE integrated
Memory
Shared system memory up to 224 MB/ DVMT 3.0
Resolutions
Up to 2048 x 1536 (QXGA) for CRT
Up to 1600 x 1200 (UXGA) for LCD
LCD Interface
18-bit dual-channel LVDS
SDVO
Supports SDVO x 1
I/O
Storage
PATA x 1 (Two devices)
SATA 1.5Gb/s x 2
USB
USB2.0 x 8
Audio
High definition audio
GPIO
Up to 4 in or 4 out
Intel® ICH7M
DDR2 SODIMM
Intel® 82574L
Gigabit Ethernet
Onboard Intel®
Atom™ N270
Processor
Intel® 945GSE
2-pin Wafer for
RTC Battery


Similar Part No. - TF-COM-945GSEW1-A11

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-COM-945-A20 AAEON-TF-COM-945-A20 Datasheet
238Kb / 2P
   COM Express Type 2 CPU Module with Intel Core 2 Duo/ Core Duo/ Celeron M (Socket-M Based) Processor
More results

Similar Description - TF-COM-945GSEW1-A11

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-TC AAEON-COM-TC Datasheet
301Kb / 2P
   COM Express Type 2 CPU Module with Onboard Intel Atom E620/E680 Processor
NANOCOM-CV AAEON-NANOCOM-CV Datasheet
259Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom N2600 Processor
ETX-945GSE AAEON-ETX-945GSE Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom N270 Processor
NANOCOM-LN AAEON-NANOCOM-LN Datasheet
214Kb / 2P
   COM Express Type 1 CPU Module with Onboard Intel Atom N455 Processor
XTX-945GSE AAEON-XTX-945GSE Datasheet
262Kb / 2P
   XTX CPU Module With Onboard Intel Atom N270 Processor
NANOCOM-U15A2.0 AAEON-NANOCOM-U15A2.0 Datasheet
256Kb / 2P
   COM Express Type 1 CPU Module With Onboard Intel Atom Z530/Z510 Processor
NANOCOM-TC AAEON-NANOCOM-TC Datasheet
229Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom E620/E680 Processor
COM-U15A2.0 AAEON-COM-U15A2.0 Datasheet
371Kb / 1P
   COM Express CPU Module With Onboard Intel Atom Z530/Z510 Processors
logo
Advantech Co., Ltd.
SOM-5761 ADVANTECH-SOM-5761 Datasheet
991Kb / 2P
   Intel짰 Atom??N270 COM-Express CPU Module
logo
AAEON Technology
COM-QM57 AAEON-COM-QM57 Datasheet
273Kb / 2P
   COM Express Type 2 CPU Module with Onboard Intel Core i7/ i5/ Celeron짰 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com