Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECB-917T Datasheet(PDF) 1 Page - AAEON Technology

Part # ECB-917T
Description  COM Express Carrier Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

ECB-917T Datasheet(HTML) 1 Page - AAEON Technology

  ECB-917T Datasheet HTML 1Page - AAEON Technology ECB-917T Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
05-35
05
Features
Specifications
9681917T00
Cable Kit
1709070500 SATA Cable x 1
1702150150 SATA Power Cable x 1
1701100206 COM Port Cable x 1
1709100201 USB Cable x 1
Utility CD
ECB-917T
Packing List
COM Express Carrier Board
System
Form Factor
Mini-ITX
COM Express Connector
x 2
I/O Chipset
Winbond W83627DHG x 1
Front Panel Control
10-pin (5x2) header
Ethernet
Intel® WG82583V, 10/100/1000Base-TX, RJ-45 x 1
10/100 Base-TX or 10/100/1000Base-TX, RJ-45 x 1 (From CPU module)
Expansion Interface
PCI-Express [x16] slot x 1 (Type 6)
PCI-Express [x4] slot x 1 (PCI-Express[x1] x 8 from Module)
Power Supply Type
AT/ ATX
CMOS Battery
RTC battery socket x 1
BIOS
SPI x1
Firmware Hub x 1
(with DIP Switch for BIOS Selection)
Board Size
6.7” x 6.7”(170mm x 170mm)
Gross Weight
1.32 lb (0.6 Kg)
Operating Temperature
32˚F ~ 140˚F (0˚C ~ 60˚C)
Storage Temperature
-40˚F ~ 176˚F (-40˚C ~ 80˚C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
90,000
Display
DVI/CRT
DVI 29-pin + DB 15-pin stack-type connector (Type 6)
LVDS
30-pin (15x2) dual-channel LVDS connector x 1
SDVO
40pin (20x2) SDVO connector x 1 (Type 10)
Touch Screen
I/O
Storage
mSATA x 1 (Type 6)
SATA 6.0Gb/s x 2 (Type 6)
SATA 3.0Gb/s x 1
Serial Port
RS-232 port x 3
RS-232/422/485 port x 1
USB
Type A connector x 4 (USB3.0) for Type 6
USB2.0 port x 2 (5 x 2 pin box header )
PS/2 Port
Audio
Audio jack x 3, Line-in, Line-out, Mic-in
Analog Codec: Realtek ALC892
Buzzer x 1
Switch/Button
Power button x 1
Reset button x 1
ECB-917T
Supports COM Express Module Pin-out Type 6/10 (COM.0 Rev.
2.0)
RJ-45 x 2, Supports Gigabit Ethernet
LVDS/DP Header and VGA/DVI Connector
SATA 6.0Gb/s x 2, SATA 3.0Gb/s x 1, mSATA x 1 (Type 6)
USB Port x 6, COM Port x 4
PCI-Express [x16] x 1/ PCI-Express [x4] x 1
AT/ ATX Power Input
Mini-ITX Form Factor
12V Power Input
mSATA
LVDS LCD
USB2.0
PCI-Express [x16]
PCI-Express [x4]
SATA 3.0 Gb/s
SATA 3.0/6.0 Gb/s
Audio
Dual GbE
PS/2 KB/Mouse
DIO
COM
SDVO
HDMI
VGA
DVI-D
USB3.0/USB2.0


Similar Part No. - ECB-917T

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ECB-910M AAEON-ECB-910M Datasheet
358Kb / 2P
   XTX Carrier Board
ECB-915A AAEON-ECB-915A Datasheet
996Kb / 1P
   COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
   COM Express Carrier Board
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
   COM Express Carrier Board
ECB-916MA AAEON-ECB-916MA Datasheet
365Kb / 1P
   Supports COM Express Module Pin-out Type 1/ 2 (COM.0 Rev.1.0)
More results

Similar Description - ECB-917T

ManufacturerPart #DatasheetDescription
logo
DFI Inc
COM630-B DFI-COM630-B Datasheet
1Mb / 2P
   COM Express Carrier Board
logo
AAEON Technology
ECB-915A AAEON-ECB-915A Datasheet
996Kb / 1P
   COM Express Carrier Board
ECB-916M AAEON-ECB-916M_15 Datasheet
250Kb / 2P
   COM Express Carrier Board
logo
DFI Inc
COM330-B DFI-COM330-B Datasheet
325Kb / 2P
   COM Express Carrier Board
logo
AAEON Technology
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
   COM Express Carrier Board
logo
DFI Inc
COM332-B DFI-COM332-B Datasheet
1Mb / 1P
   COM Express Carrier Board
COM333-I DFI-COM333-I Datasheet
779Kb / 2P
   COM Express Carrier Board
logo
AAEON Technology
ECB-916M AAEON-ECB-916M Datasheet
250Kb / 2P
   COM Express Carrier Board
logo
DFI Inc
COM100-B DFI-COM100-B Datasheet
755Kb / 2P
   COM Express Carrier Board
COM101-BAT DFI-COM101-BAT Datasheet
1Mb / 2P
   COM Express Carrier Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com