Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM101 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # EFM101
Description  1.0 AMP SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

EFM101 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  EFM101 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP EFM101 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SUPER FAST RECTIFIER
FEATURES
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
MECHANICAL DATA
* Case: DO-214AC/SMA Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.06 gram
Ratings at 25
℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL EFM101 EFM102 EFM103 EFM104 EFM105 EFM106 EFM108
UNIT
Marking Code
E1
E2
E3
E4
E5
E6
E8
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Current
at TA = 55
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance
RΘJA
℃/W
Typical Junction Capacitance (Note 2)
CJ
P
F
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
SYMBOL EFM101 EFM102 EFM103 EFM104 EFM105 EFM106 EFM108
UNIT
Maximum Forward Voltage at 1.0A DC(Note 3)
VF
1.75
Volts
Maximum Average Reverse Current at
@TA=25
Rated DC Blocking Voltage
@TA=100
Maximum Reverse Recovery Time (Note 1)
Trr
nS
NOTES :1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2012.10
IR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
EFM101
CHARACTERISTICS
Amps
Amps
IO
IFSM
THRU
DO-214AC/SMA PACKAGE
EFM108
15
10
1.0
150
35
WILLAS ELECTRONIC CORP.
-65 to +175
30
85
-55 to +150
0.95
1.25
μAmps
5.0
.
.
.181(4.60)
.160(4.06)
.110(2.79)
.086(2.18)
.067(1.70)
.0
49(1.23)
.208(5.28)
.188(4.80)
.091(2.31)
.067(1.70)
.012(.305)
.006(.15
0)
.059(1.5
1)
.03
0(0.75)
.008
(.203)
Max.
Dimensions in inches and (millimeters)


Similar Part No. - EFM101

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EFM101 RECTRON-EFM101 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Leshan Radio Company
EFM101 LRC-EFM101 Datasheet
57Kb / 2P
   1A FAST RECOVERY SMA DIODES
logo
Rectron Semiconductor
EFM101 RECTRON-EFM101 Datasheet
559Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Shenzhen Taychipst Elec...
EFM101 TAYCHIPST-EFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT GLASS PASSIVATEDSUPER FAST SILICON RECTIFIER
logo
Leshan Radio Company
EFM101 LRC-EFM101 Datasheet
196Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results

Similar Description - EFM101

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCDS105 SECOS-SCDS105_15 Datasheet
707Kb / 2P
   1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS105 SECOS-SCDS105 Datasheet
707Kb / 2P
   1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS104 SECOS-SCDS104 Datasheet
654Kb / 2P
   1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS104 SECOS-SCDS104_15 Datasheet
643Kb / 2P
   1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS106 SECOS-SCDS106_15 Datasheet
756Kb / 2P
   1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS101 SECOS-SCDS101 Datasheet
653Kb / 2P
   1.0 AMP Glass Passivated Super Fast Recovery Rectifier
logo
Taiwan Semiconductor Co...
SF11 TSC-SF11_1 Datasheet
257Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF11S_B08 TMT-SF11S_B08 Datasheet
44Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Nanjing International G...
ES1A DGNJDZ-ES1A Datasheet
40Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
SF11 DGNJDZ-SF11 Datasheet
203Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com