Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1854JRS Datasheet(PDF) 10 Page - Analog Devices

Part # AD1854JRS
Description  Stereo, 96 kHz, Multibit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1854JRS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1854JRS Datasheet HTML 4Page - Analog Devices AD1854JRS Datasheet HTML 5Page - Analog Devices AD1854JRS Datasheet HTML 6Page - Analog Devices AD1854JRS Datasheet HTML 7Page - Analog Devices AD1854JRS Datasheet HTML 8Page - Analog Devices AD1854JRS Datasheet HTML 9Page - Analog Devices AD1854JRS Datasheet HTML 10Page - Analog Devices AD1854JRS Datasheet HTML 11Page - Analog Devices AD1854JRS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
–10–
AD1854
REV. A
I/F MODE
IDPM1 IDPM0
RJ, 16-BIT
0
0
I2S
0
1
RJ, 20-BIT
1
0
RJ, 24-BIT
1
1
LJ
BCLK
0
U3B
SSM2135
C9
390pF
NP0
R8
953
R20
549
R9
2.15k
C14
1nF, NP0
R16
1.96k
C13
1nF, NP0
R10
953
R17
1.96k
R11
2.15k
C10
390pF
NP0
C15
2.2nF
NP0
LEFT
OUT
J1
1
C11
390pF
NP0
R12
953
R21
549
R13
2.15k
C17
1nF, NP0
R18
1.96k
C16
1nF, NP0
R14
953
R15
2.15k
C12
390pF
NP0
C18
2.2nF
NP0
RIGHT
OUT
J2
C6
100nF
–AVEE
C5
100nF
+AVCC
3RD ORDER LP BESSEL FILTER
CORNER FREQUENCY: 92kHz
GROUP DELAY:
~2.8 s
96/
48
384/
256
X2MCLK
SDATA
L/
RCLK
BCLK
MCLK
IDPM0
IDPM1
DEEMP
MUTE
CLATCH
CCLK
CDATA
ZEROR
ZEROL
PD/RST
DVDD
AVDD
OUTL+
OUTL–
OUTR+
OUTR–
FILTR
FITLB
DGND
AGND AGND
U1
AD1854JRS
C8
10 F
C1
100nF
+
C7
10 F
CLATCH
CCLK
CDATA
ZL
ZR
DE-EMPHASIS
MUTE
I/F
MODE
JP2
R5
10k
R4
10k
DVDD
RST
DGND
CDATA
CCLK
CLATCH
SDATA
LRCLK
SCLK
MCLK
JP1
MCLK/SR
SEL
R2
10k
R3
10k
DVDD
R1
10k
C3
100nF
DVDD
C2
100nF
AVDD
AD1854 STEREO DAC
OUTPUT BUFFERS AND LP FILTERS
MCLK/SR SELECT
SELECT RATE X2MCLK 384/
256 96/48
MCLK
SPDIF
DIRECT
DIRECT
44.1
48.0
96.0
0
0
0
0
0
0
0
0
1
11.2896
12.2880
12.2880
DVDD
U2A
HC04
12
ZL
U2B
HC04
34
ZR
R6
221
CR1
ZERO LEFT
C4
100nF
R7
221
CR2
ZERO RIGHT
FB1
600Z
+
NOTE:
= DGND
= AGND
SSM2135
1
R19
1.96k
U3A
AUDIO
DATA
CONTROL
PORT
53.6k
53.6k
Figure 12. Evaluation Board Circuit


Similar Part No. - AD1854JRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
More results

Similar Description - AD1854JRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com