Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-ETX-701-A10-01 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-ETX-701-A10-01
Description  ETX CPU Module with AMD Geode LX Series Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-ETX-701-A10-01 Datasheet(HTML) 1 Page - AAEON Technology

  TF-ETX-701-A10-01 Datasheet HTML 1Page - AAEON Technology TF-ETX-701-A10-01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
07-7
07
Features
Specifications
ETX-701
AMD Geode™ LX
DDR SODIMM
AMD CS5536
SATA
Connector
CompactFlash™ Type 1
Onboard AMD Geode™ LX Series Processor
AMD CS5536
SODIMM DDR 333/400 Memory, Max. 1 GB
10/100Base-TX Ethernet
CRT, Up to 24-bit LVDS LCD, TTL LCD
AC97 2.3 Codec 2CH Audio
PATA x 2, SATA 3.0Gb/s x 2 (on Module), CompactFlash™
Type 1 Slot x 1 (On Module)
USB2.0 x 4, COM x 2
+5V Only Operation
ETX CPU Module with AMD Geode™ LX Series Processor
System
Form Factor
ETX
Processor
Onboard AMD Geode™ LX Series Processor
LX700: 433 MHz
LX800: 500 MHz (Default)
LX900: 600 MHz
System Memory
200-pin DDR SODIMM x 1,
Max. 1 GB (DDR333 up to 1 GB; DDR400 up to 512 MB)
Chipset
AMD Geode™ LX + CS5536
I/O Chipset
Winbond W83627HG
Ethernet
Realtek RTL8139DL, 10/100Base-TX
BIOS
Award, PLCC type, 2 MB ROM
EEPROM
Microchip 24LCS52-I/SN, save BIOS and configuration data
Wake on LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages, fan speed and temperature monitoring
Expansion Interface
32-bit PCI x 4
8-bit/ 16-bit ISA
SM Bus x 1
I2C x 1
Power Requirement
+5V DC
Power Consumption
(Typical)
LX800, DDR333 1 GB
0.25A@+12V, 2.02A@+5V
w/TF-ECB-901A-A10-01
Board Size
4.5" (L) x 3.75" (W) (114mm x 95mm)
Gross Weight
0.66 lb (0.3 Kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C )
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C )
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF
110,000
Display
Supports CRT/LCD Simultaneous Display
Chipset
AMD Geode™ LX processor integrated
Memory
Shared system memory up to 254 MB
Resolutions
Up to 1920 x 1440 @ 32bpp at 85 Hz for CRT
Up to 1600 x 1200 @ 32bpp at 100 Hz for CRT
Up to 1600 x 1200 @ 32bpp at 60 Hz for LCD
LCD Interface
18-bit/ 24-bit TTL (TF-ETX-701-A10)
18-bit single-channel LVDS (TF-ETX-701-A10-01)
24-bit single-channel LVDS (TF-ETX-701-A10-02)
M2.5 Screw x 4
Product CD
ETX-701
Packing List
I/O
Storage
PATA x 2 (four devices), SATA 3.0Gb/s x 2 (on module), CompactFlash™ Type 1
slot x 1 (on module)
Serial Port
2
Parallel Port
1
USB
USB2.0 x 4
PS/2 Port
Keyboard x 1, Mouse x 1
IrDA
One IrDA Tx/Rx header
Audio
Mic-in, Line-in, Line-out


Similar Part No. - TF-ETX-701-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-ETX-700-B10 AAEON-TF-ETX-700-B10 Datasheet
276Kb / 2P
   ETX CPU Module with AMD Geode??LX Series Processor
TF-ETX-700-B10-01 AAEON-TF-ETX-700-B10-01 Datasheet
276Kb / 2P
   ETX CPU Module with AMD Geode??LX Series Processor
TF-ETX-700-B10-02 AAEON-TF-ETX-700-B10-02 Datasheet
276Kb / 2P
   ETX CPU Module with AMD Geode??LX Series Processor
More results

Similar Description - TF-ETX-701-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ETX-700 AAEON-ETX-700 Datasheet
276Kb / 2P
   ETX CPU Module with AMD Geode??LX Series Processor
logo
Advantech Co., Ltd.
SOM-4455 ADVANTECH-SOM-4455 Datasheet
299Kb / 2P
   AMD Geode??LX800 ETX CPU Module
SOM-4455 ADVANTECH-SOM-4455_15 Datasheet
578Kb / 2P
   AMD Geode??LX800 ETX CPU Module
SOM-4455 ADVANTECH-SOM-4455_12 Datasheet
1Mb / 2P
   AMD Geode??LX800 ETX CPU Module
SOM-4466 ADVANTECH-SOM-4466_16 Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466L-S6A1E ADVANTECH-SOM-4466L-S6A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466LZ-M0A1E ADVANTECH-SOM-4466LZ-M0A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466 ADVANTECH-SOM-4466 Datasheet
1Mb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466 ADVANTECH-SOM-4466_13 Datasheet
585Kb / 2P
   AMD G-Series Processor ETX CPU Module
SOM-4466L-M0A1E ADVANTECH-SOM-4466L-M0A1E Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com