Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0388008.MXP Datasheet(PDF) 1 Page - Littelfuse

Part # 0388008.MXP
Description  388 Series Lead-Free 3AG, METI B Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0388008.MXP Datasheet(HTML) 1 Page - Littelfuse

  0388008.MXP Datasheet HTML 1Page - Littelfuse 0388008.MXP Datasheet HTML 2Page - Littelfuse 0388008.MXP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: January 7, 2009
333
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
388 Series
Please refer to www.littelfuse.com/series/388.html for current information.
Features
Electrical Characteristics for Series
Applications
Electrical Characteristic Specifications by Item
Agency Approvals
Agency
Agency File Number
Ampere Range
PS
E
NBK131107-JP1021A
NBK010207-
JP1021A/B/C/D
1A - 30A
SU05001-8001
SU05001-7001/2/3/4
3A - 6A
7A/10A - 30A
1A - 30A
Amp Code
Amp
Rating
Voltage
Rating
Breaking
Capacity
Nominal
Resistance Cold
Ohms
(ohms)
Nominal
Melting 2T
(A2Sec.)
Agency Approvals
PS
E
001.
1
250
100A @ 250Vac
0.1651
0.800
x
x
01.5
1.5
250
0.0845
2.680
x
x
002.
2
250
0.0522
7.200
x
x
02.5
2.5
250
0.0375
9.540
x
x
003.
3
250
0.0313
22.10
x
x
x
004.
4
250
0.0239
28.50
x
x
x
005.
5
250
0.0184
66.10
x
x
x
006.
6
250
0.0140
116.0
x
x
x
007.
7
250
0.0127
118.0
x
x
x
008.
8
250
0.0109
166.0
x
x
009.
9
250
0.0082
298.0
x
x
010.
10
250
0.0072
234.6
x
x
x
012.
12
250
0.0052
490.5
x
x
x
015.
15
250
0.0042
1029
x
x
x
020.
20
250
0.0029
2041
x
x
x
025.
25
250
0.0019
3717
x
x
x
030.
30
250
0.0013
7531
x
x
x
388 Series Lead-Free 3AG, METI B Fuse
Standard JIS C6575
Lead-free
and axial lead form
and various forming
demensions
% of Ampere
Rating
OpeningTime
130
1 Hour, Minimum
160
1 hour, Maximum
200
120 seonds, Maximum
1
Depending on the application and mounting, the fuse heating at max. ambient temperature in a closed fuseholder should be considered.
p = pending
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
The Littelfuse 388 Series is a 3AG size fuse that solves
a broad range of application requirements while offering
reliable performance and cost-effective circuit protection.
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
PS
E
Description


Similar Part No. - 0388008.MXP

ManufacturerPart #DatasheetDescription
logo
Heyco.
0388 HEYCO-0388 Datasheet
141Kb / 1P
   Nylon Premolds
logo
Littelfuse
03881.5MXEP LITTELFUSE-03881.5MXEP Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
03881.5MXP LITTELFUSE-03881.5MXP Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
038810MXEP LITTELFUSE-038810MXEP Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
038810MXP LITTELFUSE-038810MXP Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
More results

Similar Description - 0388008.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0312.010V LITTELFUSE-0312.010V Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
0375012.HXP LITTELFUSE-0375012.HXP Datasheet
265Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 100 PACK
0375012.MXP LITTELFUSE-0375012.MXP Datasheet
263Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 1000 PACK
logo
Keystone Electronics Co...
3529 KEYSTONE-3529 Datasheet
195Kb / 1P
   3AG PC FUSE CLIP
8.30.82
logo
Littelfuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
688 LITTELFUSE-688 Datasheet
685Kb / 3P
   688 Series Lead-Free, 6x25mm Fuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF06-020V09-TF ETC-TRF06-020V09-TF Datasheet
257Kb / 6P
   Lead Free SMD Resettable Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com