Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-FSB-865G-B10-VG Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-FSB-865G-B10-VG
Description  Full-Size SBC With Intel Pentium 4 Socket 478 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-FSB-865G-B10-VG Datasheet(HTML) 2 Page - AAEON Technology

  TF-FSB-865G-B10-VG Datasheet HTML 1Page - AAEON Technology TF-FSB-865G-B10-VG Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-18
Dimension
Unit: mm
100.51
102.49
98.50
92.25
82.73
72.57
53.42
38.25
2.49
8.84
15.70
19.51
98.60
94.56
94.56
98.60
100.38
100.38
94.28
38.66
40.82
33.26
9.70
3.51
13.92
12.79
13.41
0.00
TF-PER-U00A
AC97 Audio Daughter Board
1701400802
Flat Cable, 40P-40P-40P(UL:2651, 15cm + 65cm), 80cm for ATA33
1701400800
Flat Cable, 40P-40P-40P(UL:20674, 15cm + 65cm), 80cm for ATA100
1701400702
Flat Cable, 40P ATA-100 2.54mm, BLUE/GRAY/BLACK 70cm for Hard Disk Drive
1703300351
LCD Cable, 30-pin to 20-pin, 35cm, for Hyundai HT12X11-200 12.1”/ 1024 x 768/ 3.3V LVDS Panel
Optional Accessories
Passive Backplane Options
P/N
Description
Master Interface
Slots
Power Connector,
ATX Extend Function
TF-BP-214SG-P4
Rackmount, PICMG, 14-slot Backplane, 4 PCI/ 8 ISA, Single Segment, AT/ATX
PICMG
4/9/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-214SG-P7
Rackmount, PICMG, 14-slot Backplane, 7 PCI/ 5 ISA, Single Segment, AT/ATX
PICMG
7/6/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-214SG-P12
Rackmount, PICMG, 14-slot Backplane, 12 PCI/1 ISA Single Segment, AT/ATX
PICMG
12/2/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-208SG-P4
Wallmount, PICMG, 8-slot Backplane, 4 PCI/ 2 ISA, Single Segment, AT/ATX
PICMG
4/3/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-208SG-P7
Wallmount, PICMG, 8-slot Backplane, 7 PCI/ 0 ISA, Single Segment, AT/ATX
PICMG
7/0/1 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-206VG-P2
Rackmount, PICMG, 6-slot Backplane, 2 PCI/ 3 ISA, Single Segment, ATX
PICMG
2/3/1 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
TF-BP-206SG-P4
Wallmount, PICMG, 6-slot Backplane, 4 PCI, 2 ISA, Single Segment, ATX
PICMG
4/2/2 (PCI/ ISA/ PICMG)
AT, ATX, 3-pin ATX extend
FSB-865G


Similar Part No. - TF-FSB-865G-B10-VG

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-FSB-860B-A10-E2 AAEON-TF-FSB-860B-A10-E2 Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
TF-FSB-860B-A10-V AAEON-TF-FSB-860B-A10-V Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
TF-FSB-860B-A10-VE AAEON-TF-FSB-860B-A10-VE Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
TF-FSB-860B-A10-VG AAEON-TF-FSB-860B-A10-VG Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
TF-FSB-866G-A11-G2 AAEON-TF-FSB-866G-A11-G2 Datasheet
638Kb / 2P
   Intel짰 Pentium짰 4/ Celeron짰 D CPU
More results

Similar Description - TF-FSB-865G-B10-VG

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FSB-860B AAEON-FSB-860B Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
SBC-860 AAEON-SBC-860 Datasheet
363Kb / 1P
   Intel Pentium 4 PICMG Full-size SBC
logo
Protech Systems Co., Lt...
PMB-1751LF PROTECHSYSTEMS-PMB-1751LF Datasheet
402Kb / 2P
   Socket 478 Pentium 4 Motherboard
logo
AAEON Technology
HSB-835A AAEON-HSB-835A Datasheet
754Kb / 2P
   Intel Pentium 4 3.2GHz APCI Half-size SBC
FSB-868G AAEON-FSB-868G Datasheet
296Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
FSB-945G AAEON-FSB-945G Datasheet
270Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
Intel Corporation
310308-002 INTEL-310308-002 Datasheet
4Mb / 106P
   Intel Pentium 4 Processor
logo
AAEON Technology
HSB-810A AAEON-HSB-810A Datasheet
813Kb / 2P
   Intel Pentium M APCI Half-size SBC
logo
BOSER Technology Co., L...
HS-7006 BOSER-HS-7006 Datasheet
90Kb / 1P
   Intel Atom N270 processor PICMG1.0 Full-size SBC w/CF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com