Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB-B75H Datasheet(PDF) 1 Page - AAEON Technology

Part # FSB-B75H
Description  Full-Size SBC with Intel 3rd Generation Core i7/i5/i3 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

FSB-B75H Datasheet(HTML) 1 Page - AAEON Technology

  FSB-B75H Datasheet HTML 1Page - AAEON Technology FSB-B75H Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
11-1
11
Features
Specifications
Intel® 3rd Generation Core™ i7/i5/i3 LGA 1155 Processor
Intel® B75 Chipset
Dual-Channel DDR3 DIMM Socket x 2 (up to 16GB)
Intel® B75 Integrated Intel® HD Graphics
Gigabit Ethernet x 2
SATA 6.0Gb/s x 1, SATA 3.0Gb/s x 2 (Backplane x 2), CFast™
x 1
COM x 2, USB 3.0 x 4, USB 2.0 x 4, LPT x 1
PICMG 1.3
ATX 2.1 Power Requirement
Full-Size SBC with Intel® 3rd Generation Core™ i7/i5/i3 Processor
Packing List
System
Form Factor
PICMG 1.3 Full-Size SBC
Processor
Intel® 3rd generation Core™ i7/i5/i3 LGA 1155 processor
System Memory
240-pin Dual-Channel DDR3 1333/1600 DIMM socket x 2, up to 16GB
Chipset
Intel® B75
Graphics
Intel® B75 Integrated Intel® HD Graphics
I/O Chipset
Winbond W83627DHG-P
Ethernet
Realtek 8111E 10/100/1000Base-TX, RJ-45 x 2 on bracket
BIOS
AMI Plug & Play SPI BIOS –128 MBits ROM
Digital I/O
8-bit programmable (4-in / 4-out)
Audio
HDAC Daughter board (Optional) Mic-in/ Line-in/ Line-out
Wake On LAN
Yes
Watchdog Timer
1~255 STEPSBY SOFTWARE PROGRAMMING
H/W Status Monitoring
System temp. Voltage, and Cooling fan status monitoring
Expansion Interface
PICMG 1.3
Battery
Lithium battery
Power Requirement
ATX 2.1
Board Size
13.3” x 5” (339mm x 126mm)
Gross Weight
1.2lb (0.5kg)
Operation Temperature
32 °F ~ 140 °F (0 °C ~ 60 °C)
Storage Temperature
-4 °F ~ 158 °F (-20 °C ~ 70 °C)
Operation Humidity
5% ~ 90% relative humidity, non-condensing
MTBF
60,000
Consumption (Typical)
77W, with Intel® Core™ i7-3770; 3M Cache
Display
Chipset
Intel® B75
Graphic Engine
Integrated Intel® HD Graphics
Resolution
Up to 2048 x 1536 @ 75Hz for CRT
Output Interface
DVI x 1 on bracket, VGA (Optional)
I/O
Storage
SATA 6.0Gb/s x 1, SATA 3.0Gb/s x 2 (Backplane x 2), CFast™ x 1
Serial Port
COM ports x 2
COM 1: RS-232, with Box header
COM 2: RS-232/422/485, with Box header
USB
USB3.0 x 4 (Internal 10 x 2 pin header x2)
USB2.0 x 4 (onboard Dual TYPE-A Connector x 2,Internal 5 x 2-pin header x 1)
(4 USB on backplane)
Parallel Port
LPT Port x 1
Ethernet
RJ45 w/ LED x 2
Keyboard/ Mouse
4 x 2 pin header x 1
FSB-B75H
1701260307
Flat Cable, 9P/DB9P Male & 25P DB25P FEMALE, 10P 2mm & 26P 2mm/IDC NO FOLD
1701100305
Flat Cable, 9P/DB9P Male, 10P/2.0mm Pitch/IDC NO FOLD, 30cm with Bracket
1709100201
USB Cable, 20cm, 2.0mm Pitch, with Bracket
1709070460
SATA Cable, 1.27mm Pitch, 46cm with LOCK
Product CD
FSB-B75H
DVI or VGA
10/100/1000Base-TX LAN x 2
USB2.0 x 2
Intel® LGA1155 Socket
CFast™
SATA3.0 Gb/s x 2
SATA6.0 Gb/s x 1
USB3.0 x 4
DDR3 DIMM x 2
USB2.0 x 2


Similar Part No. - FSB-B75H

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
   Full-Size SBC with Intel 3rd Generation Core i7/i5/i3 LGA 1155 Processor
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
   Full-Size SBC
FSB-B75G-A10-G2 AAEON-FSB-B75G-A10-G2 Datasheet
295Kb / 2P
   PICMG 1.0
FSB-B75G AAEON-FSB-B75G_15 Datasheet
295Kb / 2P
   Full-Size SBC
More results

Similar Description - FSB-B75H

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
   Full-Size SBC with Intel 3rd Generation Core i7/i5/i3 LGA 1155 Processor
TKS-G50-QM77 AAEON-TKS-G50-QM77 Datasheet
389Kb / 2P
   EmBox with Intel 3rd Generation Core i7/i5/i3 Mobile Processor
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
   4th Generation Intel Core i7/i5/i3 processor
logo
AAEON Technology
GENE-QM77 AAEON-GENE-QM77 Datasheet
466Kb / 2P
   3.5??SubCompact Board with Intel 3rd Generation Core i7/i5/i3 Mobile Processor
logo
Advantech Co., Ltd.
ARK-DS762 ADVANTECH-ARK-DS762 Datasheet
703Kb / 2P
   3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
logo
AAEON Technology
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3 Processor
IMBA-H61A AAEON-IMBA-H61A Datasheet
460Kb / 2P
   ATX Industrial Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3/ Pentium Processor
IMBA-Q77 AAEON-IMBA-Q77 Datasheet
549Kb / 2P
   Intel짰 3rd Generation Core??i7/ i5/ i3 LGA 1155 Processor
EMB-B75B AAEON-EMB-B75B Datasheet
397Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core??i7/ i5/ i3 Processor
logo
Axiomtek Co., Ltd.
SHB120 AXIOMTEK-SHB120_17 Datasheet
189Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1155 3rd Gen Intel Core i7/i5/i3 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com