Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-GCS-1100I-A10 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-GCS-1100I-A10
Description  Green Communication System with Intel Atom N270 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-GCS-1100I-A10 Datasheet(HTML) 1 Page - AAEON Technology

  TF-GCS-1100I-A10 Datasheet HTML 1Page - AAEON Technology TF-GCS-1100I-A10 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
13-1
13 GCS-1100i
Green Communication System with Intel® Atom™ N270 Processor
1U 19” Fanless Rackmount
Intel® Atom™ N270 1.6GHz Processor, TDP 2.5W
Intel® 945GSE
Dual-Channel DDR2 400/533 Memory (Up To 2 GB)
10/100/1000Base-TX x 4
VGA x 1 , DVI-I x 1
Serial Port With Isolation x 8, USB2.0 x 4, 8-Bit Digital I/O
Internal 2.5” Disk Drive Bay x 1
Wide Range 9-32V DC-In
Power
HDD
LAN LEDs
RS-232/422/485 Tx/Rx LEDs
Keyboard
Power Switch
VGA
DVI
GbE LAN x 2
Digital I/O
USB2.0 x 4
GbE LAN x 2
RS-232/422/485 Serial Port x 8
Mouse
DC-in
CPU
Intel® Atom™ N270
Chipset
Intel® 945GSE + Intel® ICH7M
System Memory
Up to 2 GB (DDR2 400/533 MHz, SODIMM x 1 )
Display
Interface
VGA
1
DVI
1
Others
Storage Device
SSD
Optional
HDD
2.5 " HDD x 1
Network
LAN
10/100/1000Base-TX x 4
Wireless
Front I/O
USB Host
LAN
Serial Port
DIO
Audio
KB/MS
Others
Rear I/O
USB Host
USB2.0 x 4
LAN
RJ-45 x 4
Serial Port
COM x 8 with isolation/ RS-232/422/485
DIO
8-bit (4-in/4-out )
Audio
KB/MS
1
Others
Expansion
PCIe
PCI
Mini card
Mini PCI
Others
Indicator
Front
HDD x 1, PWR x 1, LAN x 2, COM x 8
Rear
Power Requirement
9~32V DC-In
Power Consumption
Intel® Atom™ N270, 2.5W
System Cooling
Passive Cooling
Mounting
1U 19" Rackmount
Operating Temperature
32°F~113°F (0°C~45°C)
Storage Temperature
-4°F~140°F (-20°C~60°C)
Anti-Vibration
1 g rms/ 5~500 Hz/ Operation
Anti-Shock
30 G with 11 m/sec, Operation
MTBF
34,569
Features
Specifications


Similar Part No. - TF-GCS-1100I-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-GCS-1500I-B10 AAEON-TF-GCS-1500I-B10 Datasheet
587Kb / 2P
   Green Communication System with Intel Core i7/i5 rPGA988 Processor, 9 COM, 4 GbE, 8 USB2.0
More results

Similar Description - TF-GCS-1100I-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6611 AAEON-AEC-6611 Datasheet
292Kb / 2P
   Fanless Controller With Intel Atom N270 Processor
EPIC-9457W1 AAEON-EPIC-9457W1 Datasheet
403Kb / 1P
   EPIC Board with Onboard Intel Atom N270 Processor
EMB-9459T AAEON-EMB-9459T Datasheet
259Kb / 2P
   Embedded Motherboard with Onboard Intel Atom N270 Processor
logo
Intel Corporation
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
logo
AAEON Technology
HSB-945P AAEON-HSB-945P Datasheet
300Kb / 2P
   PCI Half-Size SBC With Intel Atom N270 Processor
ETX-945GSE AAEON-ETX-945GSE Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom N270 Processor
PFM-945C AAEON-PFM-945C Datasheet
269Kb / 2P
   PC/104 Module With Onboard Intel Atom N270 Processor
XTX-945GSE AAEON-XTX-945GSE Datasheet
262Kb / 2P
   XTX CPU Module With Onboard Intel Atom N270 Processor
GENE-9455 AAEON-GENE-9455 Datasheet
407Kb / 2P
   3.5??SubCompact Board With Onboard Intel Atom N270 Processor
logo
Axiomtek Co., Ltd.
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
   Fanless Embedded System with Intel Atom Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com