Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1862N Datasheet(PDF) 8 Page - Analog Devices

Part # AD1862N
Description  Ultralow Noise 20-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1862N Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1862N Datasheet HTML 4Page - Analog Devices AD1862N Datasheet HTML 5Page - Analog Devices AD1862N Datasheet HTML 6Page - Analog Devices AD1862N Datasheet HTML 7Page - Analog Devices AD1862N Datasheet HTML 8Page - Analog Devices AD1862N Datasheet HTML 9Page - Analog Devices AD1862N Datasheet HTML 10Page - Analog Devices AD1862N Datasheet HTML 11Page - Analog Devices AD1862N Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD1862
–8–
REV. A
OPTIONAL TRIM ADJUSTMENT
The AD1862 includes an external midscale adjust feature.
Should an application require improved distortion performance
under small and very small signal amplitudes (–60 dB and
lower), an adjustment is possible. Two resistors and one poten-
tiometer form the adjustment network. Figure 11 illustrates the
correct configuration of the external components. Analog
Devices recommends that this adjustment be performed with
–60 dB signal amplitudes or lower. Minor performance im-
provement is achieved with larger signal amplitudes such as
–20 dB. Almost no improvement is possible when this adjust-
ment is performed with 0 dB signal amplitudes.
470k
470k
100k
AD1862
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
– 12V
Figure 11. External Midscale Adjust
DIGITAL CIRCUIT CONSIDERATIONS
INPUT DATA
Data is transmitted to the AD1862 in a bit stream composed of
20-bit words with a serial, 2s complement, MSB first format.
Three signals must be present to achieve proper operation. They
are the data, clock and latch enable signals. Input data bits are
clocked into the input register on the rising edge of the clock
signal (CLK). The LSB is clocked in on the 20th clock pulse.
When all data bits are loaded, a low going latch enable (LE)
pulse updates the DAC input. Figure 12a illustrates the general
signal requirements for data transfer for the AD1862.
MSB
WORD n
LSB
MSB
WORD n+1
DATA
CLOCK
LATCH
ENABLE
Figure 12a. Input Data
TIMING
Figure 12b illustrates the specific timing requirements that must
be met in order for the data transfer to be accomplished success-
fully. The input pins of the AD1862 are both TTL and 5 V
CMOS compatible, independent of the power supplies used in
the application. The input requirements illustrated in Figure
12b are compatible with the data outputs provided by popular
digital interpolation filter chips used in digital audio playback
systems. The AD1862 input clock will run at 17 MHz allowing
data to be transferred at a rate of 16
× F
S. Of course, it will also
function at slower rates such as 2
×, 4 × or 8 × F
S.
>15ns
>15ns
BITS CLOCKED
TO SHIFT REGISTER
CLK
> 60ns
>15ns
>25ns
>25ns
DATA
LATCH ENABLE (LE)
>60ns
>40ns
INTERNAL DAC INPUT REGISTER
UPDATED WITH 20 MOST RECENT BITS
2nd BIT
LSB
(20th BIT)
WORD
NEXT
>40ns
>40ns
MSB
1st BIT
Figure 12b. Timing Requirements


Similar Part No. - AD1862N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1862 AD-AD1862_15 Datasheet
141Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
More results

Similar Description - AD1862N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1862 AD-AD1862_15 Datasheet
141Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
   32-bit Hyperstream??Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
   Reference 32-bit Audio DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
ESS Technology,Inc
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
   Reference 32-bit Audio DAC
August 9, 2021
logo
NXP Semiconductors
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com