Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GENE-HD05 Datasheet(PDF) 1 Page - AAEON Technology

Part # GENE-HD05
Description  3.5??SubCompact Board with AMD G-Series T56N/T40E/T40R Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

GENE-HD05 Datasheet(HTML) 1 Page - AAEON Technology

  GENE-HD05 Datasheet HTML 1Page - AAEON Technology GENE-HD05 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-27
03
Features
Specifications
GENE-HD05
Onboard AMD® G-Series ™ T56N/T40E/T40R Processor
AMD A50M
SODIMM DDR3 1066/1333(T56N) up to 4GB
Gigabit Ethernet x 2
CRT, 18/24/36/48-bit LVDS, HDMI
2CH HD Audio
SATA 3.0Gb/s x 2, CFast™ x 1, mSATA x 1 (Config. by BIOS)
USB2.0 x 8, COM x 4, Parallel x 1, 8-bit Digital I/O
Onboard 4/5-wire Resistive Touch Screen Controller
Mini Card x 1 (Config. by BIOS)
+12V Only Operation
Onboard Trusted Platform Module (Optional)
3.5” SubCompact Board with AMD G-Series T56N/T40E/T40R Processor
Product DVD
GENE-HD05 with Active Cooler (T56N Version) or with Passive Heatsink (T40E/
T40R Version)
Packing List
System
Form Factor
3.5"
Processor
AMD G-Series T56N/T40E/T40R processor
System Memory
SODIMM DDR3 1066/1333(T56N) up to 4GB
Chipset
AMD A50M
I/O Chipset
Fintek F81886DG
Ethernet
Realtek 8111E for 10/100/1000Base-TX, RJ-45 x 2
BIOS
AMI Plug & Play SPI BIOS - 4MB Flash
Wake on LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages and temperature monitoring
Expansion Interface
Mini Card x 1 (Config. by BIOS), LPC bus
Trusted Platform Module
(TPM)
Infineon SLB 9635 TT 1.2 (Optional)
Battery
Lithium battery
Power Requirement
+12V or AT/ATX
Power Consumption
(Typical)
AMD G-Series T56N, DDR3 4GB
1.73A@+12V
Board Size
5.75"(L) x 4"(W) (146mm x 101.6mm)
Gross Weight
0.88lb (0.4kg)
Operating Temperature
32
°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40
°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
Display
Supports CRT/LCD or CRT/HDMI simultaneous/ dual view display
Chipset
AMD T56N/T40E/T40R processor
Memory
Shared system memory up to 384MB
Resolutions
CRT: Up to 2560 x 1600 (T56N), up to Up to 2560 x 1600 (T40E/T40R)
LVDS: 18/24/36/48-bit up to 1920 x 1200
HDMI: Up to 1920 x 1200
LCD Interface
18/24/36/48-bit LVDS
HDMI
HDMI x 1
I/O
Storage
SATA 3.0Gb/s x 2, CFast™ x 1, mSATA x 1
(co-lay with Mini Card (Config. by BIOS))
Serial Port
RS-232 x 3, RS-232/422/485 (auto flow) x 1
Parallel Port
SPP/EPP/ECP x 1
USB
USB2.0 x 8
PS/2 Port
PS/2 Keyboard and Mouse x 1
Digital I/O
8-bit Digital I/O (Programmable, 4-in/4-out)
Audio
Line-in, Line-out, Mic-in
Touch Screen
Supports 4/5-wire resistive touch screen
Audio
Mouse &
Keyboard
DIO
COM x 3
USB x 6
Power input
SATA
LVDS
COM
USB x 2
LAN x 2
HDMI
VGA
Parallel Port
Front Panel
PS/2 KB/Mouse


Similar Part No. - GENE-HD05

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-1270 AAEON-GENE-1270 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
GENE-1270B AAEON-GENE-1270B Datasheet
324Kb / 2P
   Marvell짰 PXA270 Processor
GENE-1350 AAEON-GENE-1350 Datasheet
340Kb / 2P
   RISC CPU Board With TI OMAP 3503/3530 Processor
GENE-1350W2 AAEON-GENE-1350W2 Datasheet
314Kb / 1P
   RISC CPU Board With TI OMAP 3503/3530 Processors
GENE-1425 AAEON-GENE-1425 Datasheet
227Kb / 1P
   Intel XScale짰 IXP420/422/425 Network Processor
More results

Similar Description - GENE-HD05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-A160 ETC2-IMB-A160 Datasheet
1Mb / 2P
   AMD Embedded G-Series APU T56N/T48E/T40E
IMB-A160-H ETC2-IMB-A160-H Datasheet
1Mb / 2P
   AMD Embedded G-Series APU T56N/T48E/T40E
logo
AAEON Technology
GENE-5315 AAEON-GENE-5315 Datasheet
305Kb / 2P
   3.5??SubCompact Board With AMD Geode LX Series Processor
GENE-5315-A13 AAEON-GENE-5315-A13 Datasheet
522Kb / 2P
   3.5” SubCompact Board with AMD Geode™ LX Series Processor
2022/09/08
GENE-5315-B13 AAEON-GENE-5315-B13 Datasheet
539Kb / 2P
   3.5” SubCompact Board with AMD Geode™ LX Series Processor
2022/09/08
GENE-5315W1 AAEON-GENE-5315W1 Datasheet
394Kb / 1P
   3.5??SubCompact Board with Onboard AMD Geode Tm LX800 Processor
logo
Axiomtek Co., Ltd.
GOT3157W-111-PCT AXIOMTEK-GOT3157W-111-PCT Datasheet
472Kb / 2P
   Fanless design with AMD G-series processor T56N 1.65 GHz
logo
AAEON Technology
PICO-HD01 AAEON-PICO-HD01 Datasheet
307Kb / 2P
   PICO-ITX Fanless Board With HDMI and AMD G-SeriesT40E/T40R Processor
PICO-HD01_1308 AAEON-PICO-HD01_1308 Datasheet
229Kb / 2P
   PICO-ITX Fanless Board With HDMI and AMD G-SeriesT40E/T40R Processor
GENE-U15B AAEON-GENE-U15B Datasheet
426Kb / 2P
   3.5??SubCompact Board with Intel Atom Z5x0P Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com