Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GENE-HD05-A10 Datasheet(PDF) 2 Page - AAEON Technology

Part # GENE-HD05-A10
Description  3.5??SubCompact Board with AMD G-Series T56N/T40E/T40R Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

GENE-HD05-A10 Datasheet(HTML) 2 Page - AAEON Technology

  GENE-HD05-A10 Datasheet HTML 1Page - AAEON Technology GENE-HD05-A10 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-28
03
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
GENE-HD05
Optional Accessories
1700050207
USB Cable, Length 20cm
1701090150
COM Port Cable, Length 15cm
1709100254
Audio Cable, Length 25cm
1709070500
SATA Cable, Length 50cm
1701260201
Parallel Port Cable, Length 20cm
1702002010
Big Single Row 4-pin Power Input Cable for +12V Input, Length 10cm
1702150155
Power Cable for 2.5” SATA Hard Disk, Length 15cm
170220020B
Conversion Cable ATX Power Supply, Length 20cm
1700060157
KB/Mouse Cable
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp
GENE-HD05-A10
AMD T56N
Fan
CRT + LVDS
LVDS + HDMI
HDMI + CRT
18/24b, 2CH
SATA x 2
CFast™ x 1
GbE x 2
8
3
1
Mini Card x 1
+12V/ AT/ATX
0°C ~ 60°C
GENE-HD05-A10-01
AMD T40E
Fanless
CRT + LVDS
LVDS + HDMI
HDMI + CRT
18/24b, 2CH
SATA x 2
CFast™ x 1
GbE x 2
8
3
1
Mini Card x 1
+12V/ AT/ATX
0°C ~ 60°C
GENE-HD05-A10-02
AMD T40R
Fanless
CRT + LVDS
LVDS + HDMI
HDMI + CRT
18/24b, 2CH
SATA x 2
CFast™ x 1
GbE x 2
8
2
1
Mini Card x 1
+12V/ AT/ATX
0°C ~ 60°C
Ordering Information
Component Side
Solder Side


Similar Part No. - GENE-HD05-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-1270 AAEON-GENE-1270 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
GENE-1270B AAEON-GENE-1270B Datasheet
324Kb / 2P
   Marvell짰 PXA270 Processor
GENE-1350 AAEON-GENE-1350 Datasheet
340Kb / 2P
   RISC CPU Board With TI OMAP 3503/3530 Processor
GENE-1350W2 AAEON-GENE-1350W2 Datasheet
314Kb / 1P
   RISC CPU Board With TI OMAP 3503/3530 Processors
GENE-1425 AAEON-GENE-1425 Datasheet
227Kb / 1P
   Intel XScale짰 IXP420/422/425 Network Processor
More results

Similar Description - GENE-HD05-A10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-A160 ETC2-IMB-A160 Datasheet
1Mb / 2P
   AMD Embedded G-Series APU T56N/T48E/T40E
IMB-A160-H ETC2-IMB-A160-H Datasheet
1Mb / 2P
   AMD Embedded G-Series APU T56N/T48E/T40E
logo
AAEON Technology
GENE-5315 AAEON-GENE-5315 Datasheet
305Kb / 2P
   3.5??SubCompact Board With AMD Geode LX Series Processor
GENE-5315-A13 AAEON-GENE-5315-A13 Datasheet
522Kb / 2P
   3.5” SubCompact Board with AMD Geode™ LX Series Processor
2022/09/08
GENE-5315-B13 AAEON-GENE-5315-B13 Datasheet
539Kb / 2P
   3.5” SubCompact Board with AMD Geode™ LX Series Processor
2022/09/08
GENE-5315W1 AAEON-GENE-5315W1 Datasheet
394Kb / 1P
   3.5??SubCompact Board with Onboard AMD Geode Tm LX800 Processor
logo
Axiomtek Co., Ltd.
GOT3157W-111-PCT AXIOMTEK-GOT3157W-111-PCT Datasheet
472Kb / 2P
   Fanless design with AMD G-series processor T56N 1.65 GHz
logo
AAEON Technology
PICO-HD01 AAEON-PICO-HD01 Datasheet
307Kb / 2P
   PICO-ITX Fanless Board With HDMI and AMD G-SeriesT40E/T40R Processor
PICO-HD01_1308 AAEON-PICO-HD01_1308 Datasheet
229Kb / 2P
   PICO-ITX Fanless Board With HDMI and AMD G-SeriesT40E/T40R Processor
GENE-U15B AAEON-GENE-U15B Datasheet
426Kb / 2P
   3.5??SubCompact Board with Intel Atom Z5x0P Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com