Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1776M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA1776M
Description  Single-Chip Tuner IC for Car Radios
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1776M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA1776M_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8085
40706 MS OT B8-7756 No.8085-1/41
Overview
The LA1776M integrates all six blocks required in a car radio tuner on a single chip.
Functions
• FM front end
• FM IF
• Noise canceller
• Multiplex
• AM up-conversion
• FM/AM switch
• MRC
Feature
• Reduced noise in the mixer and amplifier blocks for improved performance
• Increased FM front end mixer dynamic range for improved three signal characteristics
• Improved AM practical sensitivity and saturated signal-to-noise ratio
• S-meter sample-to-sample variations can be improved by using the FM S-meter shift function (Fixed resistors can
be used for the SD, keyed AGC, muting on adjustment, muting attenuation, SNC, and HCC.)
• High-speed searching can be implemented using the FM band mute time constant switching function.
• Superb listenability provided by improved medium and weak field noise canceller characteristics.
• Improved separation temperature dependency characteristics
• Excellent FM S-meter voltage linearity
• Noise rejection improved by modifications to the NC circuit
• Sample-to-sample variation correction circuit (zapping) in the FM IF circuit
• Stopping at stations with heavy interference is prevented by increasing the AM wide AGC sensitivity by 10 dB
during seek operations
• Built-in anti-birdie filter
SANYO Semiconductors
DATA SHEET
LA1776M
Monolithic Linear IC
Single-Chip Tuner IC for Car Radios
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - LA1776M_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
More results

Similar Description - LA1776M_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com