Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24M-190-267 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 24M-190-267
Description  FM IF SYSTEM FOR CAR RADIO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

24M-190-267 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  24M-190-267 Datasheet HTML 1Page - Sanyo Semicon Device 24M-190-267 Datasheet HTML 2Page - Sanyo Semicon Device 24M-190-267 Datasheet HTML 3Page - Sanyo Semicon Device 24M-190-267 Datasheet HTML 4Page - Sanyo Semicon Device 24M-190-267 Datasheet HTML 5Page - Sanyo Semicon Device 24M-190-267 Datasheet HTML 6Page - Sanyo Semicon Device 24M-190-267 Datasheet HTML 7Page - Sanyo Semicon Device 24M-190-267 Datasheet HTML 8Page - Sanyo Semicon Device 24M-190-267 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
R15-G higher
ANT Input
Muting by varying R15-G
Ambient temperature, Ta – °C
R14-6 lower
ANT Input
Muting by varying R14-6
Noise
Input voltage, VIN (pin 1) – dBµ
f = 10.7 MHz, non-modulation
Input voltage, VIN (pin 1) – dBµ
Muting = OFF
Resistance between pin 5 and GND –
VCC =8V
Resistance
between pin 5 and
GND is 100 k
V6 through 22 k
Ω –V
fO = 10.7 MHz
VIN = 100 dBµ
Pins7–13=5.1 k
Frequency detuned,
∆f – kHz
1 Tuned, muting OFF
2 – 200 kHz detuned, muting OFF
3 – 200 kHz detuned, muting ON
Input voltage, VIN (Pin 1) – dBµ
LA1140
No. 729-5/15


Similar Part No. - 24M-190-267

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
24M-24M MINI-24M-24M Datasheet
229Kb / 2P
   Ultra-wideband, DC-50 GHz
More results

Similar Description - 24M-190-267

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Sanyo Semicon Device
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
   FM IF SYSTEM FOR CAR RADIOS
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com