Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7958 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA7958
Description  Audio/Video Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7958 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA7958 Datasheet HTML 1Page - Sanyo Semicon Device LA7958 Datasheet HTML 2Page - Sanyo Semicon Device LA7958 Datasheet HTML 3Page - Sanyo Semicon Device LA7958 Datasheet HTML 4Page - Sanyo Semicon Device LA7958 Datasheet HTML 5Page - Sanyo Semicon Device LA7958 Datasheet HTML 6Page - Sanyo Semicon Device LA7958 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N2206 MS OT B8-4988 No.A0260-1/7
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft’s control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LA7958
Overview
This LA7958 is a Audio/Video Switch for TV, VTR.
Functions
• Audio: Possible to Change 4 Channel×2
• Video: Possible to Change 4 Channel, 6dB Amplifier, Y+C Amplifier
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC V max
Pin 8
13.2
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
300
mW
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-55 to +150
°C
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommending operation voltage
VCC
Pin 8
9.0
V
Operating voltage range
VCC op
Pin 8
8.0 to 12.0
V
Ordering number : ENA0260
Monolithic Linear IC
For TV, VTR
Audio/Video Switch


Similar Part No. - LA7958

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7958 SANYO-LA7958 Datasheet
299Kb / 7P
   For TV, VTR Audio/Video Switch
More results

Similar Description - LA7958

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730_10 Datasheet
196Kb / 8P
   Audio/Video Switch
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
   Audio-Video Switch
logo
STMicroelectronics
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
   Audio/video switch matrix
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
   AUDIO/VIDEO SWITCH MATRIX
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
   AUDIO/VIDEO SWITCH MATRIX
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
   Audio/video switch matrix
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
   AUDIO/VIDEO SWITCH MATRIX
logo
Sanyo Semicon Device
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
   Audio/Video Switch for VCR Video Camera Use
logo
Sony Corporation
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com