Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-GENE-U15B-A10 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-GENE-U15B-A10
Description  3.5??SubCompact Board with Intel Atom Z5x0P Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-GENE-U15B-A10 Datasheet(HTML) 1 Page - AAEON Technology

  TF-GENE-U15B-A10 Datasheet HTML 1Page - AAEON Technology TF-GENE-U15B-A10 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
03-21
03
Features
Specifications
GENE-U15B
Intel® Atom™ Z530P/Z510P Processor
Intel® System Controller Hub US15WP
DDR2 400/533 SODIMM, Max. 2 GB
Gigabit Ethernet x 1
CRT, 24-bit Single Channel LCD
2CH HD Audio
SATA 3.0Gb/s x 1, Onboard SSD Up To 4GB
USB2.0 x 6, COM x 4, 8-Bit Digital I/O
Onboard 4/5/8-wire Resistive Touch Screen Controller
Mini Card x 1
+12V or +5V (Optional) Only Operation
3.5” SubCompact Board with Intel® Atom™ Z5x0P Processor
1700060157
KB/Mouse Cable
Product CD
GENE-U15B
Packing List
System
Form Factor
3.5"
Processor
Intel® Atom™ Z530P 1.6GHz, Z510P 1.1GHz
System Memory
200-pin DDR2 SODIMM x 1, Max. 2 GB (DDR2 400/533)
Chipset
Intel® System Controller Hub US15WP
I/O Chipset
SMSC SCH3114-NU
Ethernet
Intel® 82574L 10/100/1000Base-TX, RJ-45 x 1
BIOS
Award, PLCC Type, 1MB ROM
Wake on LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages and temperature monitoring
Expansion Interface
Mini Card x 1, LPC bus
Battery
Lithium battery
Power Requirement
+12V or +5V (optional), AT/ATX
Power Consumption
(Typical)
Intel® Atom™ Z510, DDR2 667 2GB
0.71A@+12V
Board Size
5.75"(L) x 4"(W) (146mm x 101.6mm)
Gross Weight
0.88lb (0.4kg)
Operating Temperature
32
°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40
°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
700,000
Display
Supports CRT/LCD simultaneous/ dual view display
Chipset
Intel® Atom™ Z5x0P integrated
Memory
Shared system memory up to 256MB
Resolutions
Up to 1280x1024 for CRT
Up to 1366x768 for LCD
LCD Interface
Up to 24-bit single channel LVDS
I/O
Storage
SATA 3.0Gb/s x 1, Onboard SST SSD up to 4GB
Serial Port
RS-232 x 3, RS-232/422/485 (auto flow) x 1
Universal Serial Bus
USB2.0 x 6
PS/2 Port
Keyboard x 1, Mouse x 1
Digital I/O
Supports 8-bit (Programmable)
Audio
Line-in, Line-out, Mic-in
LVDS
SATA
Audio
Front Panel
COM
Extended
LPC I/F
Keyboard & Mouse
Power
Input
CRT
COM
LAN
USB x 4
LCD Inverter
COM x 3


Similar Part No. - TF-GENE-U15B-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-GENE-1270-B10 AAEON-TF-GENE-1270-B10 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
TF-GENE-1270-B10 AAEON-TF-GENE-1270-B10 Datasheet
324Kb / 2P
   Marvell짰 PXA270 Processor
TF-GENE-1270-B10-02 AAEON-TF-GENE-1270-B10-02 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
TF-GENE-1270-B10-02 AAEON-TF-GENE-1270-B10-02 Datasheet
324Kb / 2P
   Marvell짰 PXA270 Processor
TF-GENE-1350-A10 AAEON-TF-GENE-1350-A10 Datasheet
340Kb / 2P
   RISC CPU Board With TI OMAP 3503/3530 Processor
More results

Similar Description - TF-GENE-U15B-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-9455 AAEON-GENE-9455 Datasheet
407Kb / 2P
   3.5??SubCompact Board With Onboard Intel Atom N270 Processor
GENE-LN05 AAEON-GENE-LN05 Datasheet
265Kb / 2P
   3.5??SubCompact Board With Intel Atom N455/ D525 Processor
GENE-CV05 AAEON-GENE-CV05 Datasheet
347Kb / 2P
   3.5 SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
GENE-TC05 AAEON-GENE-TC05 Datasheet
341Kb / 2P
   3.5??SubCompact Board with Intel Atom E680/E620/E620T Processor
GENE-CV05 AAEON-GENE-CV05_13 Datasheet
249Kb / 2P
   3.5??SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
GENE-LN05W2 AAEON-GENE-LN05W2 Datasheet
265Kb / 2P
   3.5??SubCompact Board With Intel R Atom Tm N455/ D525 Processor
GENESYS-BT05 AAEON-GENESYS-BT05 Datasheet
378Kb / 2P
   3.5" SubCompact Board System with Intel® Atom™ and Celeron® Processor SoC
2022/10/05
GENE-QM57 AAEON-GENE-QM57 Datasheet
373Kb / 2P
   3.5??SubCompact Board with Intel Core i7/i5 Mobile/ Celeron Processor
GENE-9655 AAEON-GENE-9655 Datasheet
453Kb / 2P
   3.5??SubCompact Board With Intel Core 2 Duo/ Celeron M (65nm) Processor
GENE-QM67 AAEON-GENE-QM67 Datasheet
355Kb / 2P
   3.5??SubCompact Board with Intel 2nd Generation Core i5 Mobile/ Celeron Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com