Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB-800P Datasheet(PDF) 1 Page - AAEON Technology

Part # HSB-800P
Description  Half-Size PCI SBC With AMD Geode LX800 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

HSB-800P Datasheet(HTML) 1 Page - AAEON Technology

  HSB-800P Datasheet HTML 1Page - AAEON Technology HSB-800P Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
12-5
12
Features
Specifications
LPT
COM x 3
USB2.0 x 4
Floppy Disk Drive
IDE
AMD
Geode™
LX800
Onboard
DDR400-
256 MB
LVDS
CS5536
SATA x 2
VGA
LAN
COM
PS/2 Keyboard & Mouse
CompactFlash™ (Back)
AMD Geode™ LX800 Processor
AMD Geode™ LX800 + CS5536
Onboard 256 MB DDR400 Memory
10/100Base-TX x 1
Integrated 2D Graphics Accelerator, VGA/LVDS Support
AC97 Audio Codec (Optional)
Ultra ATA33 x 1, SATA 1.5Gb/s x 2, CompactFlash™ Type 2 x 1
USB2.0 x 4, RS-232 x 3, RS-232/422/485 x 1, Parallel x 1,
Digital I/O
PCI Expansion
+5V, +12V Operation, ATX Support
System
Form Factor
PCI Half-Size SBC
Processor
AMD Geode™ LX800
System Memory
Onboard 256 MB DDR400 Memory
Chipset
AMD Geode™ LX800 + CS5536
Ethernet
10/100Base-TX, RJ-45 x 1
Realtek 8100C controller
BIOS
Award Plug & Play FWH BIOS-8 Mb ROM
Expansion Interface
PCI
Watchdog Timer
1 ~ 255 steps, can be set with software on Super I/O
RTC
Internal RTC
Battery
Lithium battery
Power Requirement
ATX 5V,12V, 4-Pin power connector
Operating Temperature
32
°F ~ 140°F (0°C ~ 60°C)
Board Size
7.3" (L) x 4.8"(W)(185mm x 122mm)
Gross Weight
0.61 lb (0.3 kg)
MTBF (Hours)
78,000
Power Consumption (Typical)
7.6W
Display
Supports CRT/ LCD simultaneous display
VGA Controller
AMD Geode™ LX800
Memory
Shared memory up to 16 MB
Resolutions
1600 x 1200@32bpp at 100 MHz for CRT
1600 x 1200@24bpp for LVDS
LCD Interface
24-bit only, Single Channel LVDS LCD Support
I/O
AMD CS5536 + ITE IT8712F
Storage
ATA33 (Slave) x 1
Standard FDD port x 1
CompactFlash™ Type 2 connector (Master) x 1
Onboard SATA 1.5Gb/s x 2 by Sil3212
Serial Port
COM Port x 4 (Internal Pin Header x 3; Rear I/O x 1)
COM 1 (Rear I/O), COM 3, COM 4 : RS-232
COM 2 : RS-232/422/485
Parallel Port
Supports SPP/EPP/ECP mode
Universal Serial Bus
USB2.0 x 4 (pin header x 4)
PS/2 Port
Mini-DIN PS/2 x 1, Keyboard & Mouse connector (Rear I/O)
Internal keyboard Box header x 1
Audio (Daughter Board)
AC 97 Codec
1701340704
Flat Cable, 34P, 70cm, Gray for FDD
1701400453
Cable, 40P 2.54mm IDC W/Nose W/Fold, 40P 2.54mm IDC W/Nose W/Fold, 45cm, Blue ATA-100
1700060192
Cable, 6P-6P-6P, 19cm, Ivory PS2/KB & Mouse
1703030501
Wire, 3P 2.5mm Housing, 3P 2.5mm Housing, 50cm
1701260307
Flat Cable, 9P/DB9P Male & 25P DB25P Female, 10P 2mm & 26P 2mm/IDC NO Fold, 30cm, W/Bracket,
A002-015
1701100305
Flat Cable, 9P/DB9P Male, 10P/2.0mm Pitch/IDC NO FOLD, 30cm, W/Bracket
1709100201
Usb Cable, 20cm, 2.0mm, W/Bracket
1709070800
SATA CABLE, 7P Pitch 1.27mm, 80cm, W/Lock
Product CD
HSB-800P
Packing List
Half-Size PCI SBC With AMD Geode™ LX800 Processor
HSB-800P


Similar Part No. - HSB-800P

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-800I AAEON-HSB-800I Datasheet
371Kb / 2P
   ISA Half-Size SBC With AMD Geode LX800 Processor
HSB-800I-A11 AAEON-HSB-800I-A11 Datasheet
660Kb / 2P
   ISA Half-Size SBC with AMD Geode™ LX800 Processor
2022/05/13
HSB-800I-A11-VE-0001 AAEON-HSB-800I-A11-VE-0001 Datasheet
660Kb / 2P
   ISA Half-Size SBC with AMD Geode™ LX800 Processor
2022/05/13
HSB-800I-A11-VG-0001 AAEON-HSB-800I-A11-VG-0001 Datasheet
660Kb / 2P
   ISA Half-Size SBC with AMD Geode™ LX800 Processor
2022/05/13
More results

Similar Description - HSB-800P

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-800I AAEON-HSB-800I Datasheet
371Kb / 2P
   ISA Half-Size SBC With AMD Geode LX800 Processor
HSB-800I-A11 AAEON-HSB-800I-A11 Datasheet
660Kb / 2P
   ISA Half-Size SBC with AMD Geode™ LX800 Processor
2022/05/13
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
logo
Advantech Co., Ltd.
PCI-6873 ADVANTECH-PCI-6873 Datasheet
395Kb / 2P
   AMD Geode??LX800 PCI Half-sized SBC with VGA/LCD/LVDS/LAN/SATA and SSD
logo
AAEON Technology
AEC-6410 AAEON-AEC-6410 Datasheet
280Kb / 2P
   Compact Embedded Controller With AMD Geode LX800 Processor
logo
Axiomtek Co., Ltd.
NA-100 AXIOMTEK-NA-100 Datasheet
209Kb / 1P
   Ultra low power AMD Geode LX800 processor
NA100 AXIOMTEK-NA100 Datasheet
322Kb / 1P
   Ultra low power AMD Geode LX800 processor
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
   AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5
21-Mar-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com