Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB-965P Datasheet(PDF) 1 Page - AAEON Technology

Part # HSB-965P
Description  PCI Half-Size SBC With Intel Core 2 Duo Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

HSB-965P Datasheet(HTML) 1 Page - AAEON Technology

  HSB-965P Datasheet HTML 1Page - AAEON Technology HSB-965P Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
12-1
12
Features
Specifications
IDE
COM
DDR Memory (Back)
ICH8M
SATA x 3
USB2.0 5x2
Pin Header x 3
USB x 1 LAN 1
VGA
LAN 2
Keyboard & Mouse
LVDS
GME-965
Floppy
CompactFlash™ (Back)
CPU Socket
Intel® Core™ 2 Duo Processor, FSB 533/667/800 MHz
Intel® GME965 + ICH8M
SODIMM Dual-channel DDR2 533/667 Memory x 2, up to 4 GB
Gigabit Ethernet x 2 or x 1 (Optional)
Integrated Intel® Enhance Graphics Core, VGA Support
HD Codec Audio Daughter Board Optional
SATA 3.0Gb/s x 3, CompactFlash™ Type 2, ATA100 x 1
USB2.0 x 7, RS-232/422/485 x 1, RS-232 x 3, Parallel x 1, IrDA
x 1, Digital I/O
PCI Expansion
ATX 2.1 Power
System
Form Factor
PCI Half-Size SBC
Processor
Intel® (Socket 478-based) Core™ 2 Duo processor, FSB 533/667/800 MHz
System Memory
200-pin DDR2 SODIMM x 2, support DDR2 533/667 up to 4 GB
Chipset
Intel® GME965 + ICH8M
Ethernet
10/100Base-TX & Gigabit Ethernet (optional), RJ-45 x 2
LAN1: Intel® 82574L (10/100/1000Base-TX)
LAN2: Intel® 82566X (10/100/1000Base-TX)
BIOS
Award Plug & Play SPI BIOS – 8 Mb ROM
Expansion Interface
PCI
Watchdog Timer
1~255 steps, can be set with software on Super I/O
RTC
Internal RTC
Battery
Lithium Battery
Power Requirement
ATX 2.1 Power
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Board Size
7.3" x 4.8" (185mm x 122mm)
Gross Weight
0.71 lb (0.3 kg)
MTBF (Hours)
149,000
Power Consumption
(Typical)
40W, with Celeron® 550 2.0 GHz/ FSB 533 MHz
Display
Supports CRT & LCD simultaneous display
Chipset
Enhanced Integrated Graphics
Memory
Shared memory up to 256 MB
Resolutions
1600x1200@32bpp at 100 MHz for CRT
1600x1200@24bpp for LCD
I/O
ICH8M + ITE IT8712F
Storage
SATA 3.0Gb/s x 3, IDE x 1, CompactFlash™ Type 2, Standard Floppy Connector
x 1
Serial Port
Four COM ports: (Internal Pin Header x 4)
COM 1, COM 3, COM 4: RS-232
COM 2: RS-232/422/485
Parallel Port
Supports SPP/ EPP/ ECP modes
Universal Serial Bus
USB2.0 x 7
(5x2 pin-header x 3, up to 6 USB, Type A x 1)
PS/2 Port
Keyboard x 1, Mouse x 1
Digital I/O
Supports 8-bit (Programmable)
IrDA
IrDA header x 1
Audio (Daughter Board)
Realtek ALC888 HD Codec
1701340704
Flat Cable, 34P, 70cm, Gray for Floppy Disk Drive
1701400453
Cable, 40P 2.54mm IDC w/Nose w/Fold, 40P 2.54mm IDC w/Nose w/Fold, 45cm, Blue ATA100
1700060192
Cable, 6P-6P-6P, 19cm, Ivory PS2/KB & Mouse
1701260307
Flat Cable, 9P/DB9P Male & 25P DB25P Female, 10P 2mm&26P 2mm/IDC No Fold, 30cm, w/Bracket, Catch
A002-015
1701100305
Flat Cable, 9P/DB9P Male, 10P/2.0mm Pitch/IDC No Fold, 30cm, w/Bracket
1709100201
USB Cable, 20cm 2.0mm, w/Bracket
1703030501
Wire, 3P 2.5mm Housing, 3P 2.5mm Housing, 50cm
1709070800
SATA Cable, 7P Pitch 1.27mm, 80cm, w/Lock
170110030A
Flat Cable, 9P DB9P Male, 10P 2.00mm Pitch IDC, 30cm, w/o Fold, w/ Bracket PCI-675F
1759281301
CPU Cooler Fan
Product CD
HSB-965P
Packing List
PCI Half-Size SBC With Intel® Core™ 2 Duo Processor
HSB-965P


Similar Part No. - HSB-965P

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-910I AAEON-HSB-910I Datasheet
366Kb / 2P
   ISA Half-Size SBC With Intel Celeron M 600 MHz BGA Type Processor
HSB-945P AAEON-HSB-945P Datasheet
300Kb / 2P
   PCI Half-Size SBC With Intel Atom N270 Processor
More results

Similar Description - HSB-965P

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FSB-868G AAEON-FSB-868G Datasheet
296Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
FSB-945G AAEON-FSB-945G Datasheet
270Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
FSB-G41H AAEON-FSB-G41H Datasheet
309Kb / 2P
   Full-Size SBC With Intel Core 2 Duo/ Core 2 Quad LGA775 Processor
FSB-960H AAEON-FSB-960H Datasheet
327Kb / 2P
   Full-Size SBC With Intel Core 2 Duo/ Core 2 Quad LGA775 Processor
logo
BOSER Technology Co., L...
HS-7321 BOSER-HS-7321 Datasheet
94Kb / 1P
   Intel Core 2 Duo/Celeron M processor PICMG1.3 Half-size SBC w/CF
HS-7322 BOSER-HS-7322 Datasheet
99Kb / 1P
   Intel Core 2 Duo/Celeron M processor PICMG1.3 Half-size SBC w/CF
logo
AAEON Technology
HSB-945P AAEON-HSB-945P Datasheet
300Kb / 2P
   PCI Half-Size SBC With Intel Atom N270 Processor
logo
BOSER Technology Co., L...
HS-7270 BOSER-HS-7270 Datasheet
332Kb / 1P
   Intel Core 2 Duo/Celeron processor PCI-ISA Bus SBC w/CF
logo
AAEON Technology
HSB-CV1P AAEON-HSB-CV1P Datasheet
305Kb / 2P
   PCI Half-Size SBC With Intel Atom D2550/N2600 Processor
logo
BOSER Technology Co., L...
HS-7260 BOSER-HS-7260 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor PCI-ISA Bus SBC w/CF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com