Selected language     English  ▼


LA72715V_12 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA72715V_12
Description  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 7 page
background image
LA72715V, 72715VA
No.A0982-7/12
Continued from preceding page.
Pin
No.
Pin Name
DC voltage
AC level
Function
Equivalent Circuit
7
JUST CLOCK
OUT
5V
0V
Rectangle wave output for JUST CLOCK.
(OPEN Collector)
100k
Ω Pull-up
5k
Ω
PAD
8
MUTE
control pin.
DC : 0V
MUTE : 3.0V to
1k
Ω
100k
Ω
70k
Ω
2.4V
PAD
9
Serial data input
pin.
0V
5V
High : 2.5V to 5V
Low : 0V to 1.5V
500
Ω
30
μA
PAD
10
Serial CLK input
pin
0V
5V
High : 2.5V to 5V
Low : 0V to 1.5V
500
Ω
30
μA
PAD
11
TEST1
12
EXTIN_R
DC : 2.4V
-14.5dBV
EXT input Rch
not used : OPEN
2.4V
50k
Ω
VCC
1k
Ω
PAD
13
EXTIN_L
DC : 2.4V
-14.5dBV
EXT input Lch
not used : OPEN
2.4V
50k
Ω
VCC
1k
Ω
PAD
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl