Selected language     English  ▼


LA72715V_12 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA72715V_12
Description  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
N1908 MS / D2607 TI IM 20070928-S00006, S00003 No.A0982-1/12
LA72715V
LA72715VA
Overview
JPN MTS (Multi Channel Television Sound) Decoder IC
Features
• With SIF circuit, alignment-free* STEREO channel separation.
* In base band signal input mode, separation is adjusted by input level.
• Three I
2C slave-addresses are prepared.
• The maximum output level is as large as 4.2dBV.
(Frequency = 1kHz, distortion = less than 3%, VCC = 5V, TYP)
• The external clock is unnecessary.
• A couple of external input terminal is prepared.
Functions
• Stereo & Bilingual demodulation.
• Stereo & Bilingual detection.
• Just clock out.
Specifications
Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VCCH max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 80°C, Mounted on a specified board*
203
mW
Operating temperature
Topr
-20 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a specified board: 114.3mm
× 76.1mm × 1.6mm glass epoxy board
Monolithic Linear IC
JPN MTS (Multi Channel
Television Sound) Decoder IC
Ordering number : ENA0982A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl