Selected language     English  ▼


LA72715V_12 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA72715V_12
Description  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
LA72715V, 72715VA
No.A0982-3/12
[Condition of input signal at pin 5]
Deviation of SIF input MONO : (fm = 1kHz) 100%
→4.5MHz±25kHz Pre-Emphasis ON
[Output] L-ch : pin 18, R-ch : pin 17
Parameter
Symbol
Conditions
Ratings
unit
min
typ
max
Current dissipation
ICC2
No signal, Inflow current at pin 19
20
28
36
mA
Input sensitivity level
VSIN
fc = 4.5MHz
70
90
110
dB
μV
3.16
31.62
316.2
mVrms
MONO output level
VOMN2
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
-6
-4.5
-3
dBV
501
595
708
mVrms
MONO L/R level difference
ΔVOMN2
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
-1
0
1
dB
MONO distortion
THDM2
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
0.2
0.5
%
MONO frequency characteristics
FCM2
fm
= 10kHz/1kHz, 100% Mod, 15kHz LPF
Pre-emphasis OFF
-18
-13.5
dB
MONO S/N
SNM2
Non Mod, 15kHz LPF
55
60
dB
STEREO output level
VOST2
fm
= 1kHz, 100% Mod, Cue (Stereo),
15kHz LPF
-6
-4.5
-3
dBV
501
595
708
mVrms
STEREO distortion
THDS2
fm
= 1kHz, 100% Mod, Cue (Stereo),
15kHz LPF
0.5
1
%
STEREO S/N
SNS2
Sub Carrier (Non Mod), Cue (Stereo),
15kHz LPF
50
57
dB
Main output level
VOMA2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
-6
-4.5
-3
dBV
501
595
708
mVrms
Main distortion
THDMA2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
0.2
0.5
%
Main S/N
SNMA2
Sub Carrier (Non Mod), Cue (Bilingual), 15kHz LPF
55
60
dB
SUB output level
VOSU2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
-6
-4.5
-3
dBV
501
595
708
mVrms
SUB distortion
THDSU2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
0.7
1.5
%
SUB frequency characteristics
FCSU2
fm
= 10kHz/1kHz, 60% Mod, Cue (Bilingual),
15kHz LPF, Pre-emphasis OFF
-18
-14.5
dB
SUB Main S/N
SNSU2
Sub Carrier (Non Mod), Cue (Bilingual), 15kHz LPF
50
58
dB
STEREO separation L
→ R
SEPR2
fm
= 1kHz (L-only), 60% Mod, Cue (Stereo),
15kHz LPF
35
38
dB
STERO separation R
→ L
SEPL2
fm
= 1kHz (R-only), 60% Mod, Cue (Stereo),
15kHz LPF
35
38
dB
Stay behind carrier level (SUB)
CLSU2
Main
= 0%, Sub = 0% (Carrier)
Cue (Bilingual)
-50
-40
dBV
Stay behind carrier level (MAIN)
CLMA2
Main
= 0%, Sub = 0% (Carrier)
Cue (Bilingual)
-55
-45
dBV
Cross-talk MAIN
→ SUB
CTSUB2
Main : fm
= 1kHz, 100% modulation,
Cue (Bilingual), 1kHz BPF
55
62
dB
Cross-talk SUB
→ MAIN
CTMA2
Sub : fm
= 1kHz, 100% modulation,
Cue (Bilingual), 1kHz BPF
55
62
dB
MODE output MONO
MODMO2
Input
= Mono Signal
1.7
2
2.3
V
MODE output STEREO
MODST2
Input
= Stereo Signal
0
1
1.3
V
MODE output BILINGUAL
MODBI2
Input
= Bilingual Signal
2.7
3
3.3
V
Just Clock output High voltage
JCH2
f
= 400Hz (mono), 25%Mod
4
V
Just Clock output Low voltage
JCL2
f
= 400Hz (mono), 10%Mod
1
V
Max Output level
MOL2
f = 1kHz, distortion = 3%
3.3
4.2
dBV
1462
1622
mVrms
EXTERNAL input level
EXTIN2
f = 1kHz, (pin 12 & pin 13 input)
-14.5
dBV
188.4
mVrms




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl