Selected language     English  ā–¼


LA72715V Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA72715V
Description  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 11 page
background image
LA72715V, 72715VA
No.A0982-11/12
Mode Select (pin & I
2C setting)
Broadcast
signal
MUTE PIN
setting
I
2C
OUTPUT MODE
READ
MODE OUT
MODE
I/O
8pin
D5
D4
D3
D2
D1
LCH (18pin)
RCH (17pin)
MODE
D8
D7
20pin
Bilingual
L or OPEN
0
0
0
0
0
MAIN
SUB
BOTH
0
1
3V
L or OPEN
0
0
0
0
1
MAIN
MAIN
MAIN
0
1
L or OPEN
0
0
0
1
0
SUB
SUB
SUB
0
1
L or OPEN
0
0
1
*
*
MAIN
MAIN
MONO
0
1
*
*
1
*
*
*
MUTE
MUTE
MUTE
0
1
H
*
*
*
*
*
MUTE
MUTE
MUTE
0
1
L or OPEN
1
0
*
*
*
EXT L
EXT R
EXT
0
1
STEREO
L or OPEN
0
0
0
*
*
L
R
STEREO
1
0
1V
L or OPEN
0
0
1
*
*
L+R
L+R
MONO
1
0
*
*
1
*
*
*
MUTE
MUTE
MUTE
1
0
H
*
*
*
*
*
MUTE
MUTE
MUTE
1
0
L or OPEN
1
0
*
*
*
EXT L
EXT R
EXT
1
0
MONO
L or OPEN
0
0
*
*
*
L+R
L+R
MONO
0
0
2V
*
*
1
*
*
*
MUTE
MUTE
MUTE
0
0
H
*
*
*
*
*
MUTE
MUTE
MUTE
0
0
L or OPEN
1
0
*
*
*
EXT L
EXT R
EXT
0
0
16pin : Slave address select. 0V to 1.5V : A0H, OPEN : 80H, 3.0V to VCC : 84H
Serial Data Specification (I
2C bus communication)
Data bit
MSB
LSB
D8
D7
D6
D5
D4
D3
D2
D1
TEST
SIF or
BASE BAND
JUST
CLK
EXT SOURCE
SELECT
NORMAL OUT
MUTE
Forced
MONO
Bilingual mode select
0 : OFF
1 : ON
0 : SIF
1 : BASE
BAND
0 : OFF
1 : ON
0 : OFF(TV)
1 : EXT
0 : OFF
1 : ON
0 : OFF
1 : ON
00:BILINGUAL
01 : MAIN
10 : SUB
11 : Unusable
Note : Underline shows default setting




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl