Selected language     English  ▼


LA72910V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA72910V
Description  FM Modulator and Demodulator IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 6 page
background image
LA72910V
No.A0783-6/10
Pin Function
Pin No.
Pin name
FM MOD mode(Outside camera)
FM DEMOD mode(Inside Monitor)
Note
1
Emphasis filter
Emphasis filter connection pin
Non connect(Hi-Z)
If you don’t need, this pin is open.
2
VCC5V
VCC for FM modulation.
VCC for FM demodulation.
3
Main_OUT
FM Output
(Ro=200
Ω:1.8Vp-p)
Video Output
(Ro=1k
Ω:2Vp-p)
Push-pull output
4
Regulator filter
FM modulation block reference
DC power supply.
FM demodulation block reference
DC power supply.
5
VD_IN/FM_IN
VD Input
(Hi: over 2V, Low: under 0.4V)
(VD DET: High)
FM Input
(Recommend Level: 100 to
620mVp-p)
DEMOD mode:Set
3.3V by internal bias.
(34kΩ/66kΩ)
6
Mode control
Set over 2V DC voltage.
Set under 0.4V DC voltage.
Outside camera /
Inside monitor setting.
7
Drop delay
(TC1)
Connect TC1 setting C.
Non connect(Hi-Z)
8
Drop Width
(TC2)
Connect TC2 setting C.
Non connect(Hi-Z)
9
Stand-by control
FM blocks standby control.
(FM block operate: over 2V ,
FM block standby: under 0.4V )
10
FM-DOC-OUT
/2nd-Call control
2nd-Call input, 2nd-Call: Low
(High: over 2V, Low: under 0.4V)
DOC output
(When DO-DET, output is Low)
DEMOD mode:
Open collector output.
11
B-GND
Circuit GND
12
Emphasis Monitor
/FM-AGC filter
Emphasis monitor output
FM AGC control filter (AGC-ON: 0 to
3V DC, AGC-OFF: 4.5V to 5V by
external DC voltage.)
MOD mode: Don’t connect
capacitor.
13
De-emphasis filter
Non connect(Hi-Z)
De-emphasis filter connection pin.
If you don’t need, this pin is open.
14
A-GND
Circuit GND
15
VD control
/De-emphasis out
DFF control
(ON: over 2V, OFF: under 0.4V)
DE-emphasis output
16
Video_IN
Video signal input (from outside CCD
camera: 1Vp-p).
Video signal input (from
de-emphasis block: 0.5Vp-p).
MOD mode: Maximum video input
level is 1.5Vp-p.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl