Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74731W Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC74731W
Description  On-Screen Display Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74731W Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC74731W_11 Datasheet HTML 4Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 5Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 6Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 7Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 8Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 9Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 10Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 11Page - Sanyo Semicon Device LC74731W_11 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Supplementary Materials
Figure 1 OSD Serial Data Input Timing
No. 6526-8/38
LC74731W,74732W
tw(cs)
CS
tsu(cs)
tw(sclk)
tw(sclk)
th(cs)
SCLK
tsu(sin)
th(sin)
SIN
tword
twt
SCLK
01
567
01
5
46
7
CS
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Minimum input pulse width
tw (sclk)
SCLK
200
ns
tw (cs)
CS (the period when CS is high)
1
µs
Data setup time
tsu (cs)
CS
200
ns
tsu (sin)
SIN
200
ns
Data hold time
th (cs)
CS
2
µs
th (sin)
SIN
200
ns
One word write time
tword
The time to write 8 bits of data
4.2
µs
twt
RAM data write time
1
µs
OSD Write (See figure 1.) at Ta = –30 to +70°C, VDD1 = 5 ± 0.5 V


Similar Part No. - LC74731W_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC74731W-9818-E ONSEMI-LC74731W-9818-E Datasheet
339Kb / 39P
   On-Screen Display Controller
March 2015 - Rev. 1
LC74731WS-9818-E ONSEMI-LC74731WS-9818-E Datasheet
339Kb / 39P
   On-Screen Display Controller
March 2015 - Rev. 1
More results

Similar Description - LC74731W_11

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com