Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE24L042CS Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LE24L042CS
Description  Two Wire Serial Interface EEPROM (4k EEPROM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24L042CS Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LE24L042CS Datasheet HTML 1Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 2Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 3Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 4Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 5Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 6Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 7Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 8Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LE24L042CS
Bus Timing
tBUF
tSU.STO
tR
SCL
SDA/IN
SDA/OUT
tSU.STA
tHD.DAT
tHIGH
tLOW
tSU.DAT
tDH
tAA
tF
tHD.STA
tSP
tSP
Write Timing
tWC
SCL
SDA
D0
Write Data
Acknowledge
Stop
condition
Start
condition
Pin Functions
SCL (serial clock input) pin
The SCL pin is a serial clock input pin that processes signals at the rising and falling edges of SCL clock signals.
This pin must be pulled up by a resistor to the VDD level and wired-ORed with an open drain (or open collector)
output device for use.
SDA (serial data input/output) pin
The SDA pin is used to transfer serial data to the input/output, and it consists of a signal input pin and n-channel
transistor open drain output pin.
Like the SCL pin, the SDA pin must be pulled up by a resistor to the VDD level and wired-ORed with an open drain
(or open collector) output device for use.
No.A1440-4/10


Similar Part No. - LE24L042CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24L042CS SANYO-LE24L042CS Datasheet
200Kb / 10P
   Two Wire Serial Interface EEPROM
LE24L042CS-B SANYO-LE24L042CS-B Datasheet
855Kb / 11P
   Two Wire Serial Interface EEPROM(4k EEPROM)
logo
ON Semiconductor
LE24L042CS-B ONSEMI-LE24L042CS-B Datasheet
832Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
More results

Similar Description - LE24L042CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24L043CB SANYO-LE24L043CB Datasheet
182Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24C043 SANYO-LE24C043_10 Datasheet
172Kb / 12P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24L042CS-B SANYO-LE24L042CS-B Datasheet
855Kb / 11P
   Two Wire Serial Interface EEPROM(4k EEPROM)
LE24C043 SANYO-LE24C043 Datasheet
219Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (4k EEPROM)
logo
Renesas Technology Corp
R1EX24004ASAS0G RENESAS-R1EX24004ASAS0G Datasheet
498Kb / 18P
   Two-wire serial interface 4k EEPROM Clock frequency
R1EV24004ASAS0I RENESAS-R1EV24004ASAS0I Datasheet
413Kb / 17P
   Two-wire serial interface 4k EEPROM Clock frequency
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
LE24CB1283 SANYO-LE24CB1283 Datasheet
188Kb / 12P
   Two Wire Serial Interface EEPROM (128K EEPROM)
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com