Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV23401V Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LV23401V
Description  For Home Stereo System 1-chip Tuner IC Incorporating PLL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV23401V Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LV23401V_11 Datasheet HTML 7Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 8Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 9Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 10Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 11Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 12Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 13Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 14Page - Sanyo Semicon Device LV23401V_11 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LV23401V
No.A1746-11/24
Used parts
Component
Parameter
Value
Tolerance
Type
Supplier
L1
Local Osc Coil
33nH
5%
LL2012-FHL33NJ
TOKO
L2
Local Osc Coil
33nH
5%
LL2012-FHL33NJ
TOKO
L3
AM Loop antenna
18.1μH
5%
4910-CSL18R1JN1
SAGAMI
A90326057
COILS
T1
AM RF matching
-
-
#7003RNS-A1109YZS
TOKO
C1
Ripple Filter
0.1μF
C2
Ripple Filter
1μF
C3
AM RF AGC Capacitor
4.7μF
C4
Coupling Capacitor
1μF
C5
Coupling Capacitor
1μF
C6
AM Low-cut Filter
0.047μF
C7
Supply Bypass Capacitor
0.1μF
C8
Supply Bypass Capacitor
22μF
C9
Correction Capacitor
10pF
C10
Supply Bypass Capacitor
22μF
C11
Ripple Filter
0.1μF
C12
Osc Filter
0.1μF
C13
Ripple Filter
0.1μF
C14
Ripple Filter
10μF
C15
Coupling Capacitor
330pF
C16
Coupling Capacitor
560pF
C17
Correction Capacitor
15pF
C18
Correction Capacitor
15pF
R1
Reference Resistor
180
Ω
R2
Pulled-up Resistor
10k
Ω
R3
Reference Resistor
22k
Ω
R4
Reference Resistor
33k
Ω
R5
Pulled-up Resistor
10k
Ω
BPF
FM ANT BPF
-
-
GFMB7
SOSHIN
X1
Crystal
32.768kHz
100ppm
VT-200-F(12.5pF)
SEIKO
X2
Crystal
4.332MHz
100ppm
AT-49
DAISHINKI
LO1
AM Ferrite antenna
260μH
TBD
-
-
* L1 must be used when you receive an Eastern European band (65MHz to 75MHz) and L2 must use 39nH.
* Inquire match (C9, C17, C18) of X1 and the X2 crystal of the crystal maker together with the substrate used.


Similar Part No. - LV23401V_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
logo
ON Semiconductor
LV23401V ONSEMI-LV23401V Datasheet
279Kb / 24P
   1-chip Tuner IC
May, 2013
More results

Similar Description - LV23401V_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV23200T SANYO-LV23200T Datasheet
322Kb / 17P
   Bi-CMOS IC For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV23100V SANYO-LV23100V Datasheet
317Kb / 12P
   For Portable Audio System 1-chip Tuner IC Incorporating PLL
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LV23014T SANYO-LV23014T Datasheet
215Kb / 17P
   Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
LV23002M SANYO-LV23002M Datasheet
457Kb / 4P
   Bi-CMOS IC For Radio Cassette and Mini Component System 1-chip Tuner IC Incorporating PLL
LV23015T SANYO-LV23015T Datasheet
214Kb / 17P
   Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com