Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR201 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # FR201
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

FR201 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  FR201 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP FR201 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High current surge
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
FR201
THRU
FR207
DO-15
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
70
40
-65 to + 150
Amps
pF
0 C
50
35
50
100
200
140
70
100
200
400
280
400
600
420
600
600
420
600
800
560
800
1000
700
1000
1000
700
1000
UNITS
FR201 FR202 FR203 FR204 FR205 FR205P FR206 FR207 FR207P
150
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current Full Cycle Average,
.375” (9.5mm) lead length at TL = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
1.3
5.0
100
250
500
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
FR201 FR202 FR203 FR204 FR205 FR205P FR206 FR207 FR207P
150
250
Typical Thermal Resistance
R
θ JA
40
0C/ W
*
Back
WILLAS
Pb-Free package is available
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
Polarity : Indicated by cathode band


Similar Part No. - FR201

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201 Datasheet
166Kb / 2P
   2.0 A, Fast Recovery Rectifiers
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
FR201 PACELEADER-FR201 Datasheet
495Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Sangdest Microelectroni...
FR201 SMC-FR201 Datasheet
165Kb / 4P
   FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
FR201 TSC-FR201 Datasheet
69Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
More results

Similar Description - FR201

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL207-B RECTRON-RL207-B Datasheet
32Kb / 3P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FR204-B RECTRON-FR204-B Datasheet
34Kb / 3P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
PACELEADER INDUSTRIAL
FR201 PACELEADER-FR201 Datasheet
495Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
DAESAN ELECTRONIC CORP.
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KB201 DAESAN-KB201 Datasheet
236Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBL201 DAESAN-KBL201 Datasheet
176Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP005 DAESAN-KBP005 Datasheet
234Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com