Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1881A Datasheet(PDF) 8 Page - Analog Devices

Part # AD1881A
Description  AC??7 SoundMAX Codec
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1881A Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1881A Datasheet HTML 4Page - Analog Devices AD1881A Datasheet HTML 5Page - Analog Devices AD1881A Datasheet HTML 6Page - Analog Devices AD1881A Datasheet HTML 7Page - Analog Devices AD1881A Datasheet HTML 8Page - Analog Devices AD1881A Datasheet HTML 9Page - Analog Devices AD1881A Datasheet HTML 10Page - Analog Devices AD1881A Datasheet HTML 11Page - Analog Devices AD1881A Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
AD1881A
–8–
REV. 0
PIN FUNCTION DESCRIPTIONS
Digital I/O
Pin Name
LQFP
I/O
Description
XTL_IN
2
I
Crystal (or Clock) Input, 24.576 MHz.
XTL_OUT
3
O
Crystal Output.
SDATA_OUT
5
I
AC-Link Serial Data Output, AD1881A Input Stream.
BIT_CLK
6
O
AC-Link Bit Clock. 12.288 MHz Serial Data Clock. Daisy Chain Output Clock.
SDATA_IN
8
O
AC-Link Serial Data Input. AD1881A Output Stream.
SYNC
10
I
AC-Link Frame Sample Sync 48 kHz Fixed Rate.
RESET
11
I
AC-Link Reset. AD1881A Master H/W Reset.
Miscellaneous Connections
Pin Name
LQFP
I/O
Description
CS0
45
I
Chip Select 0.
CS1
46
I
Chip Select 1.
EAPD
47
O
External Amp Power-Down Control Signal, Default LO, Active HI
MODE
48
I
MODE Select.
Analog I/O
These signals connect the AD1881A component to analog sources and sinks, including microphones and speakers.
Pin Name
LQFP
I/O
Description
PC_BEEP
12
I
PC Beep. PC Speaker Beep Passthrough.
PHONE_IN
13
I
Phone. From Telephony Subsystem Speakerphone or Handset.
AUX_L
14
I
Auxiliary Input Left Channel.
AUX_R
15
I
Auxiliary Input Right Channel.
VIDEO_L
16
I
Video Audio Left Channel.
VIDEO_R
17
I
Video Audio Right Channel.
CD_L
18
I
CD Audio Left Channel.
CD_GND_REF
19
I
CD Audio Analog Ground Reference for Pseudo-Differential CD Input.
CD_ R
20
I
CD Audio Right Channel.
MIC1
21
I
Microphone 1. Desktop Microphone Input.
MIC2
22
I
Microphone 2. Second Microphone Input.
LINE_IN_L
23
I
Line In Left Channel.
LINE_IN_R
24
I
Line In Right Channel.
LINE_OUT_L
35
O
Line Out Left Channel.
LINE_OUT_R
36
O
Line Out Right Channel.
MONO_OUT
37
O
Monaural Output to Telephony Subsystem Speakerphone.
LNLVL_OUT_L
39
O
Line-Level Output Left Channel.
LNLVL_OUT_R
41
O
Line-Level Output Right Channel.
Filter/Reference
These signals are connected to resistors, capacitors, or specific voltages.
Pin Name
LQFP
I/O
Description
VREF
27
O
Voltage Reference Filter.
VREFOUT
28
O
Voltage Reference Output 5 mA Drive (Intended for MIC Bias).
AFILT1
29
O
Antialiasing Filter Capacitor—ADC Right Channel.
AFILT2
30
O
Antialiasing Filter Capacitor—ADC Left Channel.
FILT_R
31
O
AC-Coupling Filter Capacitor—ADC Right Channel.
FILT_L
32
O
AC-Coupling Filter Capacitor—ADC Left Channel.
RX3D
33
O
3D PHAT Stereo Enhancement—Capacitor.
CX3D
34
I
3D PHAT Stereo Enhancement—Capacitor.


Similar Part No. - AD1881A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
More results

Similar Description - AD1881A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com