Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ11014 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJ11014
Description  30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ11014 Datasheet(HTML) 3 Page - Motorola, Inc

  MJ11014 Datasheet HTML 1Page - Motorola, Inc MJ11014 Datasheet HTML 2Page - Motorola, Inc MJ11014 Datasheet HTML 3Page - Motorola, Inc MJ11014 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ11013 MJ11015 MJ11012 MJ11014 MJ11016
3
Motorola Bipolar Power Transistor Device Data
30 k
0.3
Figure 2. DC Current Gain (1)
IC, COLLECTOR CURRENT (AMP)
0.5 0.7
1
2
3
10
20
30
7 k
3 k
2 k
700
Figure 3. Small–Signal Current Gain
2
10
f, FREQUENCY (kHz)
20
30
50
70
200 300
500
1.0 k
0.2
0.05
0.02
0.01
10 k
5 k
VCE = 5 Vdc
TJ = 25°C
500
300
5
7
100
5
0.1
Figure 4. “On” Voltages (1)
IC, COLLECTOR CURRENT (AMP)
100
0
VBE(sat)
Figure 5. Active Region DC Safe Operating Area
20 k
PNP MJ11013, MJ11015
NPN MJ11012, MJ11014, MJ11016
4
3
2
1
50
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
3
5
10
20
200
10
5
0.01
20
2
1
0.2
0.1
0.5
0.05
0.02
50
TJ = 25°C
IC/IB = 100
VCE = 3 Vdc
IC = 10 mAdc
TJ = 25°C
0.1
0.5
1
0.005
700
MJ11012
MJ11013, MJ11014
MJ11015, MJ11016
2
7
30
70
100
2
20
50
0.2
0.5
1
10
5
VCE(sat)
PNP MJ11013, MJ11015
NPN MJ11012, MJ11014, MJ11016
PNP MJ11013, MJ11015
NPN MJ11012, MJ11014, MJ11016
BONDING WIRE LIMITATION
THERMAL LIMITATION @ TC = 25°C
SECOND BREAKDOWN LIMITATION
There are two limitations on the power handling ability of a
transistor average junction temperature and secondary
breakdown. Safe operating area curves indicate IC – VCE lim-
its of the transistor that must be observed for reliable opera-
tions e.g., the transistor must not be subjected to greater
dissipation than the curves indicate.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by secondary breakdown.


Similar Part No. - MJ11014

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11014 MOSPEC-MJ11014 Datasheet
140Kb / 3P
   POWER TRANSISTORS(30A,60-120V,200W)
logo
ON Semiconductor
MJ11014 ONSEMI-MJ11014 Datasheet
157Kb / 4P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Wing Shing Computer Com...
MJ11014 WINGS-MJ11014 Datasheet
20Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Central Semiconductor C...
MJ11014 CENTRAL-MJ11014 Datasheet
54Kb / 1P
   Power Transistors
logo
Inchange Semiconductor ...
MJ11014 ISC-MJ11014 Datasheet
51Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - MJ11014

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com