Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-PCM-8120-A10-05 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-PCM-8120-A10-05
Description  Compact Board with VIA C7/ Eden (V4 Bus) Series Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-PCM-8120-A10-05 Datasheet(HTML) 2 Page - AAEON Technology

  TF-PCM-8120-A10-05 Datasheet HTML 1Page - AAEON Technology TF-PCM-8120-A10-05 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-6
Dimension
Unit: mm
Optional Accessories
Ordering Information
Part Number
CPU
Fan/ Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp
TF-PCM-8120-A10-04 VIA Eden™ 1G ULV
Fanless
CRT + LVDS
CRT + TTL
24b, 2CH
SATA x 2
IDE x 1
CompactFlash™ x 1
FE x 2
6
3
1
Mini PCI x 1
PCI x 1
PC/104 x 1
ATX
0°C ~ 60°C
TF-PCM-8120-A10-05 VIA Eden™ 1G ULV
Fanless
CRT + LVDS
CRT + TTL
24b, 2CH
SATA x 2
IDE x 1
CompactFlash™ x 1
FE x 2
6
3
1
Mini PCI x 1
PCI x 1
PC/104 x 1
PCMCIA x 1
ATX
0°C ~ 60°C
TF-PER-A031
Cable Kit for PCM-8120
1700300240
DVI Cable
TF-PER-C10L-A10
Mini PCI 10/100Base-TX Ethernet Module with Realtek 8100C
TF-PER-C10L-A10-01
Mini PCI 10/100/1000Base-TX Ethernet Module with Realtek 8110S
TF-PER-C10L-A10-02
Mini PCI 10/100Base-TX Ethernet Module with Intel® 82551QM
TF-PER-C10L-A10-03
Mini PCI 10/100/1000Base-TX Ethernet Module with Intel® 82541GI
TF-PER-C30F-A10
Mini PCI 3-port IEEE 1394a Module
TF-PER-C40C-B10
Mini PCI 2-port RS-232 Module Rev. B1.0
TF-PER-C40C-B10-01
Mini PCI 4-port RS-232 Module Rev. B1.0
TF-PCM-3115C
PC/104 2-slot PCMCIA Module
127.89
PCM-8120


Similar Part No. - TF-PCM-8120-A10-05

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-PCM-8150-A21 AAEON-TF-PCM-8150-A21 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
TF-PCM-8150-A21-01 AAEON-TF-PCM-8150-A21-01 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
TF-PCM-8150-A21-02 AAEON-TF-PCM-8150-A21-02 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
TF-PCM-8150-A21-03 AAEON-TF-PCM-8150-A21-03 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
TF-PCM-8150-A21-04 AAEON-TF-PCM-8150-A21-04 Datasheet
220Kb / 1P
   Intel짰 Socket-478M Pentium짰 M/ Celeron짰 M/ Onboard ULV Intel짰 Celeron짰 M Processors at 600 MHz and 1 GHz
More results

Similar Description - TF-PCM-8120-A10-05

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
ETB9F000 AXIOMTEK-ETB9F000_15 Datasheet
223Kb / 1P
   VIA V4 compliant C7/Eden processor onboard
logo
BOSER Technology Co., L...
HS-4610 BOSER-HS-4610 Datasheet
100Kb / 1P
   VIA C7 or V4 Eden processor Embedded Engine Board w/CF
HS-6654 BOSER-HS-6654 Datasheet
88Kb / 1P
   VIA V4 Eden or C7 processor ISA Bus SBC w/CF
logo
AAEON Technology
ETX-CX700M AAEON-ETX-CX700M Datasheet
380Kb / 1P
   Onboard VIA C7?? Eden??(V4) Series Processors
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710_14 Datasheet
452Kb / 1P
   Low power fanless VIA V4 Eden/C7 processor onboard
logo
BOSER Technology Co., L...
HS-6254 BOSER-HS-6254 Datasheet
94Kb / 1P
   VIA V4 Eden or C7 processor PCI-ISA Bus SBC w/CF
logo
AAEON Technology
IMBM-700 AAEON-IMBM-700 Datasheet
319Kb / 2P
   VIA C7?? Eden??Processor, Up To 2.0 GHz
FWS-7150 AAEON-FWS-7150 Datasheet
476Kb / 2P
   1U VIA C7?? Eden??Network Appliance With 5 LAN Ports
FWS-2150 AAEON-FWS-2150 Datasheet
371Kb / 2P
   Desktop VIA C7/ Eden Network Appliance With 5 LAN Ports
logo
Advantech Co., Ltd.
PCM-3372 ADVANTECH-PCM-3372 Datasheet
362Kb / 2P
   VIA Eden??(V4) CX700 PC/104-Plus CPU Module
24-Mar-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com