Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1887JST Datasheet(PDF) 10 Page - Analog Devices

Part # AD1887JST
Description  AC??7 SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1887JST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1887JST Datasheet HTML 6Page - Analog Devices AD1887JST Datasheet HTML 7Page - Analog Devices AD1887JST Datasheet HTML 8Page - Analog Devices AD1887JST Datasheet HTML 9Page - Analog Devices AD1887JST Datasheet HTML 10Page - Analog Devices AD1887JST Datasheet HTML 11Page - Analog Devices AD1887JST Datasheet HTML 12Page - Analog Devices AD1887JST Datasheet HTML 13Page - Analog Devices AD1887JST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
AD1887
–10–
Mic Volume (Index 0Eh)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
E
0h
E
0 h
E
0 h
E
0h
E
0
C
I
MC
I
M C
I
M C
I
MC
I
M
e
m
u
l
o
Ve
m
u
l
o
V
e
m
u
l
o
V
e
m
u
l
o
Ve
m
u
l
o
V
M
C
MM
C
M M
C
M M
C
MM
C
MX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X0
3
M0
3
M 0
3
M 0
3
M0
3
MX
X
X
X
X4
V
C
M4
V
C
M
4
V
C
M
4
V
C
M4
V
C
M3
V
C
M3
V
C
M
3
V
C
M
3
V
C
M3
V
C
M2
V
C
M2
V
C
M
2
V
C
M
2
V
C
M2
V
C
M1
V
C
M1
V
C
M
1
V
C
M
1
V
C
M1
V
C
M0
V
C
M0
V
C
M
0
V
C
M
0
V
C
M0
V
C
Mh
8
0
0
8h
8
0
0
8
h
8
0
0
8
h
8
0
0
8h
8
0
0
8
MCV[4:0]
Mic Volume Gain. Allows setting the Mic Volume attenuator in 32 steps. The LSB represents 1.5 dB, and the
range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
M30
Mic Boost Gain: Amplifies the Mic input. 0 = 0 dB, 1 = 30 dB
MCM
Mic Mute. When this bit is set to “1,” the channel is muted.
Line In Volume (Index 10h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
0
1h
0
1 h
0
1 h
0
1h
0
1
n
I
e
n
i
Ln
I
e
n
i
L
n
I
e
n
i
L
n
I
e
n
i
Ln
I
e
n
i
L
e
m
u
l
o
Ve
m
u
l
o
V
e
m
u
l
o
V
e
m
u
l
o
Ve
m
u
l
o
V
M
LM
LM
LM
LM
LX
X
X
X
XX
X
X
X
X4
V
L
L4
V
L
L
4
V
L
L
4
V
L
L4
V
L
L3
V
L
L3
V
L
L
3
V
L
L
3
V
L
L3
V
L
L2
V
L
L2
V
L
L
2
V
L
L
2
V
L
L2
V
L
L1
V
L
L1
V
L
L
1
V
L
L
1
V
L
L1
V
L
L0
V
L
L0
V
L
L
0
V
L
L
0
V
L
L0
V
L
LX
X
X
X
XX
X
X
X
XX
X
X
X
X4
V
L
R4
V
L
R
4
V
L
R
4
V
L
R4
V
L
R3
V
L
R3
V
L
R
3
V
L
R
3
V
L
R3
V
L
R2
V
L
R2
V
L
R
2
V
L
R
2
V
L
R2
V
L
R1
V
L
R1
V
L
R
1
V
L
R
1
V
L
R1
V
L
R0
V
L
R0
V
L
R
0
V
L
R
0
V
L
R0
V
L
Rh
8
0
8
8h
8
0
8
8
h
8
0
8
8
h
8
0
8
8h
8
0
8
8
RLV[4:0]
Right Line In Volume. Allows setting the Line In right channel attenuator in 32 steps. The LSB represents 1.5 dB,
and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LLV[4:0]
Line In Volume Left. Allows setting the Line In left channel attenuator in 32 steps. The LSB represents 1.5 dB,
and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LM
Line In Mute. When this bit is set to “1,” the channel is muted.
CD Volume (Index 12h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
2
1h
2
1 h
2
1 h
2
1h
2
1
D
CD
CD
CD
CD
C
e
m
u
l
o
Ve
m
u
l
o
V
e
m
u
l
o
V
e
m
u
l
o
Ve
m
u
l
o
V
M
V
CM
V
C M
V
C M
V
CM
V
CX
X
X
X
XX
X
X
X
X4
V
C
L4
V
C
L
4
V
C
L
4
V
C
L4
V
C
L3
V
C
L3
V
C
L
3
V
C
L
3
V
C
L3
V
C
L2
V
C
L2
V
C
L
2
V
C
L
2
V
C
L2
V
C
L1
V
C
L1
V
C
L
1
V
C
L
1
V
C
L1
V
C
L0
V
C
L0
V
C
L
0
V
C
L
0
V
C
L0
V
C
LX
X
X
X
XX
X
X
X
XX
X
X
X
X4
V
C
R4
V
C
R
4
V
C
R
4
V
C
R4
V
C
R3
V
C
R3
V
C
R
3
V
C
R
3
V
C
R3
V
C
R2
V
C
R2
V
C
R
2
V
C
R
2
V
C
R2
V
C
R1
V
C
R1
V
C
R
1
V
C
R
1
V
C
R1
V
C
R0
V
C
R0
V
C
R
0
V
C
R
0
V
C
R0
V
C
Rh
8
0
8
8h
8
0
8
8
h
8
0
8
8
h
8
0
8
8h
8
0
8
8
RCV[4:0]
Right CD Volume. Allows setting the CD right channel attenuator in 32 steps. The LSB represents 1.5 dB, and
the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LCV[4:0]
Left CD Volume. Allows setting the CD left channel attenuator in 32 steps. The LSB represents 1.5 dB, and the
range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
CVM
CD Volume Mute. When this bit is set to “1,” the channel is muted.


Similar Part No. - AD1887JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
More results

Similar Description - AD1887JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com