Electronic Components Datasheet Search |
|
CDEIR6D31FNP-2R2MC Datasheet(PDF) 1 Page - Sumida Corporation |
|
CDEIR6D31FNP-2R2MC Datasheet(HTML) 1 Page - Sumida Corporation |
1 / 4 page Page 1 of 3 Revised: 15-Sep-11 SMD SMD SMD SMD Power Inductor Power Inductor Power Inductor Power Inductor CDEIR6D31F Description • Ferrite core construction. • Magnetically shielded. • L ×W×H: 7.3×7.1×3.2 mm Max. • Product weight: 0.53g(Ref.) • Moisture Sensitivity Level: 1 • RoHS compliance. • Halogen Free available. Environmental Data • Operating temperature range: -40 ℃~+105℃ (including coil’s self temperature rise) • Storage temperature range: -40 ℃~+105℃ • Solder reflow temperature: 260 ℃ peak. Packaging • Carrier tape and reel packaging. • 13.0”diameter reel • 1500pcs per reel Applications • Ideally used in HDD, Notebook and Mobile computer etc. Halogen Free RoHS Dimension - [mm] Land pattern and Schematics - [mm] Electrical Characteristics ※1. Measuring condition: at 100kHz. ※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value. ※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃). 2.2(2.5) 2.4(3.0) 76(61) 12.0 ±20% 120 CDEIR6D31FNP-12ØMC 2.6(2.9) 2.6(3.2) 66(53) 10.0 ±20% 100 CDEIR6D31FNP-1ØØMC 3.6(4.1) 2.8(3.5) 43(34) 8.2 ±20% 8R2 CDEIR6D31FNP-8R2MC 3.5(4.0) 3.0(3.8) 40(32) 6.8 ±20% 6R8 CDEIR6D31FNP-6R8MC 4.4(5.0) 3.5(4.4) 29(23) 5.6 ±20% 5R6 CDEIR6D31FNP-5R6MC 4.7(5.4) 4.0(5.0) 26(21) 4.7 ±20% 4R7 CDEIR6D31FNP-4R7MC 5.5(6.3) 4.8(6.0) 19(15) 3.3 ±20% 3R3 CDEIR6D31FNP-3R3MC 6.5(7.4) 6.0(7.5) 12(10) 2.2 ±20% 2R2 CDEIR6D31FNP-2R2MC 6.8(7.9) 6.8(8.5) 9.6(8.0) 1.5 ±30% 1R5 CDEIR6D31FNP-1R5NC 7.4(8.5) 7.7(9.7) 8.8(7.3) 1.0 ±30% 1R0 CDEIR6D31FNP-1RØNC Temperature rise current ( A) ※3 saturation current (A) ※2 D.C.R.( mΩ) [Max.] (Typ.) (at 20 ℃) Inductance ( μH) [Within]※1 Stamp Part No. |
Similar Part No. - CDEIR6D31FNP-2R2MC |
|
Similar Description - CDEIR6D31FNP-2R2MC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |