Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH2D11NP-2R2N Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH2D11NP-2R2N
Description  Magnetically shielded construction.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D11NP-2R2N Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH2D11NP-2R2N Datasheet HTML 1Page - Sumida Corporation CDRH2D11NP-2R2N Datasheet HTML 2Page - Sumida Corporation CDRH2D11NP-2R2N Datasheet HTML 3Page - Sumida Corporation CDRH2D11NP-2R2N Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH2D11, CDRH2D11/HP, CDRH2D11B, ,CDRH2D11B/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Specification (CDRH2D11B/HP)
Saturation current
(A)
※1
Part Name
Stamp
Inductance
(
μH)
100kHz/1V
D.C.R. (m
Ω)
Max.(Typ.)
(20
℃)
20
100
Temperature
rise current
(A)
※2
CDRH2D11BHPHF-1R0PC
A
1.0
±25%
68.6(54.9)
2.1
1.7
1.75
CDRH2D11BHPHF-1R5PC
B
1.5
±25%
88.6(70.9)
1.65
1.4
1.45
CDRH2D11BHPHF-1R8PC
C
1.8
±25%
98.6(78.9)
1.5
1.3
1.4
CDRH2D11BHPHF-2R2PC
D
2.2
±25%
133.3(106.6)
1.4
1.2
1.15
CDRH2D11BHPHF-3R3PC
E
3.3
±25%
194.6(156.7)
1.15
0.94
0.95
CDRH2D11BHPHF-4R7PC
F
4.7
±25%
234.6(187.7)
0.95
0.8
0.8
CDRH2D11BHPHF-5R6PC
G
5.6
±25%
281.9(225.5)
0.9
0.75
0.76
CDRH2D11BHPHF-6R8PC
H
6.8
±25%
359.4(287.5)
0.78
0.65
0.65
CDRH2D11BHPHF-8R2PC
I
8.2
±25%
405.5(324.4)
0.73
0.6
0.62
CDRH2D11BHPHF-100PC
J
10.0
±25%
552.5(442.0)
0.63
0.52
0.52
※ Description of part name
CDRH2D11BNP-1R0N
※1.Saturation Current: The DC current at which the inductance decreases to 65% of its nominal value.
※2.Temperature rise current: The DC current at which the temperature rise is △t=40℃(Ta=20℃).
B
Box
C
Carrier Tape


Similar Part No. - CDRH2D11NP-2R2N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D11NP-2R2NB SUMIDA-CDRH2D11NP-2R2NB Datasheet
207Kb / 2P
   Power Inductors
CDRH2D11NP-2R2NC SUMIDA-CDRH2D11NP-2R2NC Datasheet
207Kb / 2P
   Power Inductors
CDRH2D11NP-2R2NC SUMIDA-CDRH2D11NP-2R2NC Datasheet
170Kb / 2P
   SMD Power Inductor
More results

Similar Description - CDRH2D11NP-2R2N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
   Ferrite core construction, Magnetically shielded
logo
List of Unclassifed Man...
SCRH6D28 ETC2-SCRH6D28 Datasheet
227Kb / 1P
   Magnetically shielded construction, Excellent Power Density
logo
Bel Fuse Inc.
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com