Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH4D22HPNP-8R2NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH4D22HPNP-8R2NC
Description  Ferrite drum core construction.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D22HPNP-8R2NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH4D22HPNP-8R2NC Datasheet HTML 1Page - Sumida Corporation CDRH4D22HPNP-8R2NC Datasheet HTML 2Page - Sumida Corporation CDRH4D22HPNP-8R2NC Datasheet HTML 3Page - Sumida Corporation CDRH4D22HPNP-8R2NC Datasheet HTML 4Page - Sumida Corporation CDRH4D22HPNP-8R2NC Datasheet HTML 5Page - Sumida Corporation CDRH4D22HPNP-8R2NC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 5
Revised: 5-Jun-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH4D22/HP
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H:5.0×5.0×2.4 mm Max.
• Product weight: 0.2g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+100℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+100℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 12.9”diameter reel
• 2000pcs per reel
Applications
• Ideally used in Mobile phone,PDA,MP3,
HDD,DSC/DVC, Portable Computers, etc as
DC-DC converter inductors.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
※ 4.7±0.3
4.5
4.
0.
3
1.
5
4.
5
6.9
Max
.
2.4 Max.
(
2.2)
Ele ctro de t erm inal
1.
5
1.
9
1.
9
5.3
(1.2μH~5.2μH)
(6.3μH~100μH)


Similar Part No. - CDRH4D22HPNP-8R2NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D22HPNP-8R2NC SUMIDA-CDRH4D22HPNP-8R2NC Datasheet
176Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH4D22HPNP-8R2NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com