Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-PFM-LNP-A10-01 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-PFM-LNP-A10-01
Description  PC/104 Module With Intel Atom N450 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-PFM-LNP-A10-01 Datasheet(HTML) 1 Page - AAEON Technology

  TF-PFM-LNP-A10-01 Datasheet HTML 1Page - AAEON Technology TF-PFM-LNP-A10-01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
04-1
04
Features
Specifications
9657666600
Jumper Cap
17592LNP00
Heatsink
Product CD
PFM-LNP with Cooler
Packing List
PC/104 Module With Intel® Atom™ N450 Processor
System
Form Factor
PC/104
Processor
Intel® Atom™ N450 1.66 GHz Processor
System Memory
Onboard DDR2 667, Max. 1 GB
Chipset
Intel® ICH8M
I/O Chipset
SCH3114
Ethernet
Intel® 82567V for 10/1000/1000Base-TX
BIOS
AMI BIOS – 4 MB Flash
Wake on LAN
Yes
Watchdog Timer
Generates a time-out system resert
H/W Status Monitoring
Supports Power Supply Voltage, Fan Speed and Temperature Monitoring.
Expansion Interface
PCI-104, Mini Card
Battery
Lithium battery
Power Requirement
12V
Power Consumption
(Typical)
Intel® Atom™ N450 1.66GHz, DDR2 667 1 GB
1.3A@+12V
Board Size
3.55" x 3.77" (90mm x 96mm)
Gross Weight
0.35 lb (0.16 Kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
83,000
Display
Supports CRT/LCD simultaneous/ dual view displays
Chipset
Intel® Atom™ N450 processor integrated
Memory
Shared system memory up to 384 MB/ DVMT 4.0
Resolutions
Up to 1400 x 1050 for CRT
Up to 1280 x 768 for LCD
LCD Interface
18-bit single channel LVDS
I/O
Storage
SATA 3.0Gb/s x 1, Type 1 CompactFlash™ x 1
Serial Port
RS-232 x 3, RS-232/422/485 x 1
Universal Serial Bus
USB2.0 x 4
PS/2 Port
Keyboard + Mouse x 1
PFM-LNP
Intel® Atom™ N450 1.66 GHz Processor
Intel® ICH8M
Onboard DDR2 667 Memory, Max. 1 GB
Gigabit Ethernet x 1
CRT, 18-bit Single Channel LVDS LCD
SATA 3.0Gb/s x 1, CompactFlash™ x 1
USB2.0 x 4, COM x 4
PCI-104, Mini Card Expansion Interfaces
+12V Only Operation
USB
Power
SATA
COM
VGA
LVDS
SIM
LAN
FAN
Front Panel
LAN LED
Keyboard &
Mouse
SATA Power


Similar Part No. - TF-PFM-LNP-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-PFM-530I-A10 AAEON-TF-PFM-530I-A10 Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
TF-PFM-530I-A10-02 AAEON-TF-PFM-530I-A10-02 Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
TF-PFM-530I-A10-02-WT01 AAEON-TF-PFM-530I-A10-02-WT01 Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
TF-PFM-530I-A10-WT01 AAEON-TF-PFM-530I-A10-WT01 Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
TF-PFM-535S-A10 AAEON-TF-PFM-535S-A10 Datasheet
252Kb / 2P
   PC/104 Module With DM&P Vortex86SX/Vortex86DX SoC Processor
More results

Similar Description - TF-PFM-LNP-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-CVS AAEON-PFM-CVS Datasheet
252Kb / 2P
   PC/104 Module with Intel Atom N2600 Processor
PFM-945C AAEON-PFM-945C Datasheet
269Kb / 2P
   PC/104 Module With Onboard Intel Atom N270 Processor
logo
List of Unclassifed Man...
LEC-2310 ETC2-LEC-2310 Datasheet
302Kb / 2P
   Fanless Industrial PC with Intel Atom N450
logo
AAEON Technology
AQ7-LN AAEON-AQ7-LN Datasheet
344Kb / 2P
   Qseven CPU Module with Onboard Intel Atom N450/N455 Processor
logo
Advantech Co., Ltd.
SOM-7562 ADVANTECH-SOM-7562_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N450 COM-Ultra Module
SOM-7562 ADVANTECH-SOM-7562_11 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N450 COM-Ultra Module
SOM-4463-A2 ADVANTECH-SOM-4463-A2_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-4463 ADVANTECH-SOM-4463_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
logo
List of Unclassifed Man...
LEC-3010 ETC2-LEC-3010 Datasheet
336Kb / 2P
   Fanless Industrial PC with Intel짰 Atom N450
LEC-3013-I10 ETC2-LEC-3013-I10 Datasheet
207Kb / 2P
   DIN rail Box PC with Intel Atom D525 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com