Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POP-150 Datasheet(PDF) 1 Page - AAEON Technology

Part # POP-150
Description  15??4:3 Point Of Promotion Panel PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

POP-150 Datasheet(HTML) 1 Page - AAEON Technology

  POP-150 Datasheet HTML 1Page - AAEON Technology POP-150 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15” 4:3 Point Of Promotion Panel PC
POP-150

Onboard Intel® Atom™ N270 1.6 GHz Processor

15” XVGA Color TFT LCD Display

Open Frame Design

Cost-Effective Solution

Windows® XP, Windows® XP Embedded Support

Touch Screen Support
System
Processor
Intel® Atom™ N270 1.6 GHz
System Memory
DDR SODIMM x 1, Max. 2 GB
LCD/CRT Controller
Intel® 945GSE
Ethernet
10/100/1000Base -TX, RJ-45 x 2
I/O Port
RS-232 x 1, RS-232/422/485 x 1
USB2.0 x 2
Audio Line out x 1
PS/2 x 1 (Keyboard + Mouse Mini-DIN)
Storage Disk
2.5” Hard Disk Drive Bay/ CompactFlash™ Slot (internal)
Expansion Slot
Mini PCI x 1 (internal)
OS Support
Windows® XP, Windows® XP Pro for Embedded, Windows® 7
Mechanical
Construction
Open frame
Color
Gray
Mounting
VESA 75/100
Dimension
15” x 11.61” x 2.36” (382mm x 295mm x 60mm)
Gross weight
15.4 lb (7 kg)
Environmental
Operating Temperature 32°F ~ 104°F ( 0°C ~ 40°C)
Storage Temperature
-4°F ~ 140°F (-20°C ~ 60°C)
Storage Humidity
10% to 90%@ 40°C, non-condensing
Power Supply
DC-DC input
Input Range: 9V~30V DC
LCD
Display Type
15" TFT-LCD
Max. Resolution
1024 x 768
Max. Color
16.7M colors
Dot Size
0.297 x 0.297
Luminance
250 nits (TYP.)
View Angle
150˚(H)/140˚(V)
Back Light MTBF
30,000
TouchScreen
Type
5-wire, Analog Resistive
Resolution
2048 x 2048
Light Transmission
80%
Lifetime
35 million activations
Note: All specifications are subject to change without notice.
10
10-1
Features
Specifications


Similar Part No. - POP-150

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
POP-100 AAEON-POP-100 Datasheet
288Kb / 2P
   10.2??16:9 Point Of Promotion Panel PC
POP-190 AAEON-POP-190 Datasheet
458Kb / 2P
   19??16:9 Point Of Promotion Panel PC
More results

Similar Description - POP-150

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
POP-100 AAEON-POP-100 Datasheet
288Kb / 2P
   10.2??16:9 Point Of Promotion Panel PC
POP-70 AAEON-POP-70 Datasheet
272Kb / 2P
   7??16:9 Point Of Promotion Panel PC
POP-190 AAEON-POP-190 Datasheet
458Kb / 2P
   19??16:9 Point Of Promotion Panel PC
logo
Advantech Co., Ltd.
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
   15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-154T ADVANTECH-PPC-154T Datasheet
330Kb / 2P
   15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
logo
DFI Inc
SPC150-BT DFI-SPC150-BT Datasheet
327Kb / 4P
   15 Stainless Steel Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
   15 Heavy Industrial Touch Panel PC
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
   15 Heavy Industrial Touch Panel PC
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
   15 Heavy Industrial Touch Panel PC
logo
National Instruments Co...
PPC-2115 NI-PPC-2115 Datasheet
976Kb / 4P
   Industrial Panel PC with 15 in. LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com