Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1959 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1959
Description  PLL/Multibit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1959 Datasheet(HTML) 7 Page - Analog Devices

  AD1959 Datasheet HTML 1Page - Analog Devices AD1959 Datasheet HTML 2Page - Analog Devices AD1959 Datasheet HTML 3Page - Analog Devices AD1959 Datasheet HTML 4Page - Analog Devices AD1959 Datasheet HTML 5Page - Analog Devices AD1959 Datasheet HTML 6Page - Analog Devices AD1959 Datasheet HTML 7Page - Analog Devices AD1959 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
AD1959
–7–
POWER SUPPLY AND VOLTAGE REFERENCE
The AD1959 is designed for five-volt supplies. Separate power
supply pins are provided for the analog, digital, and PLL sec-
tions. These pins should be bypassed with 100 nF ceramic chip
capacitors, as close to the pins as possible, to minimize noise. A
bulk aluminum electrolytic capacitor of at least 22
µF should
also be provided on the same PC board. For best performance it
is recommended that the analog supply be separate from the
digital and PLL supply. It is recommended that all supplies be
isolated by ferrite beads in series with each supply. It is expected
that the digital and PLL sections will be run from a common
supply but isolated from one another. It is important that the
analog supply be as clean as possible.
The internal voltage reference is brought out on Pin 21 (FILTR)
and should be bypassed as close as possible to the chip with a
parallel combination of 10
µF and 100 nF The reference voltage
may be used to bias external op amps to the common-mode
voltage of the analog output signal pins. The current drawn
from the VREF pin should be limited to less than 50
µA.
SERIAL DATA PORTS – DATA FORMAT
The DAC serial data input mode defaults to I
2S. By changing
Bits 4 and 5 in the DAC control register, the mode can be
changed to RJ, DSP, or LJ. The word width defaults to 24 bits
but can be changed by programming Bits 8 and 9 in the DAC
Control Register.
Figure 2 shows the serial mode formats.
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
LSB
LSB
LSB
LSB
LSB
LSB
LSB
LSB
LEFT-JUSTIFIED MODE – 16 TO 24 BITS PER CHANNEL
12S MODE – 16 TO 24 BITS PER CHANNEL
RIGHT-JUSTIFIED MODE – SELECT NUMBER OF BITS PER CHANNEL
DSP MODE – 16 TO 24 BITS PER CHANNEL
1/fS
NOTES
1. DSP MODE DOES NOT IDENTIFY CHANNEL.
2. LRCLK NORMALLY OPERATES AT fS EXCEPT FOR DSP MODE WHICH IS 2
fS.
3. BCLK FREQUENCY IS NORMALLY 64
LRCLK BUT MAY BE OPERATED IN BURST MODE.
Figure 2. Stereo Serial Modes


Similar Part No. - AD1959

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
   PLL/Multibit DAC
REV. 0
More results

Similar Description - AD1959

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1958 AD-AD1958 Datasheet
135Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com