Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4685 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N4685
Description  Zener Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N4685 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N4685 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N4685 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SYMBOL
MIN.
MAX.
UNIT
Thermal Resistance
R
ΘJA
300(1)
°C/W
Junction to Ambient Air
Forward Voltage
VF
1.5
Volts
at IF = 100 mA
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at TL = 75°C, 3/8” from case
Ptot
500
mW
Maximum Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
– 65 to +175
°C
♦ Silicon Planar Zener Diodes
♦ Standard Zener voltage tolerance is ± 5%.
Other tolerances are available
upon request.
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.375” (9.5mm) lead length.
♦ These diodes are also available in SOD-123 case
with the type designation MMSZ4681...MMSZ4717
and SOT-23 case with the type designation
MMBZ4681...MMBZ4717.
Case: DO-35 Glass Case
Weight: approx. 0.13 g
Terminals: Solderable, per MIL-STD-750, method 2026.
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
NOTES:
(1) Valid provided that leads at a distance of 3/8” mm from case are kept at ambient temperature.
1N4681-1N4717
Zener Diode
Features
Mechanical Data
DO-35(GLASS)
Dimensions in millimeters
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1N4685

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4685 VISHAY-1N4685 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Micro Commercial Compon...
1N4685 MCC-1N4685 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
Compensated Deuices Inc...
1N4685 CDI-DIODE-1N4685 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
General Semiconductor
1N4685 GE-1N4685 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Knox Semiconductor, Inc
1N4685 KNOX-1N4685 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
More results

Similar Description - 1N4685

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com