Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5395S Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N5395S
Description  1.5AMP. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N5395S Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N5395S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5395S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (1N5391S THRU 1N5399S)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
0
8
0
1
60
40
20
2
8
6
4
1
100
10
20
40
30
0
50
NUMBER OF CYCLES AT 60Hz
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
100
125
150
175
0.6
0.9
0
0.3
1.2
1.5
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.01
0.04
0.4
0.1
1
4
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.2
0.4
1
100
40
20
24
10
1
60
100
40
20
10
6
4
2
REVERSE VOLTAGE. (V)
Tj=25 C
0
200
FIG.5- TYPICAL FORWARD CHARACTERISTICS
1.5
0.6
0.8
1.0
1.2
1.4
0.01
20
10
2
1
0.4
0.2
0.04
0.1
0.02
FORWARD VOLTAGE. (V)
4
1N5392S-1N5399S
1N5391S
1N5391S-1N5399S
1.5AMP. Silicon Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1N5395S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5395S DIODES-1N5395S Datasheet
58Kb / 2P
   1.5A RECTIFIER
DS28003 Rev. D-2
1N5395S DIODES-1N5395S Datasheet
64Kb / 3P
   1.5A RECTIFIER
DS28003 Rev. 6 - 2
logo
Taiwan Semiconductor Co...
1N5395S TSC-1N5395S Datasheet
66Kb / 2P
   1.5 AMPS. Silicon Rectifiers
1N5395S TSC-1N5395S Datasheet
240Kb / 2P
   1.5 AMPS. Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5395S SEMTECH_ELEC-1N5395S Datasheet
178Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
More results

Similar Description - 1N5395S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1N5391 LUGUANG-1N5391 Datasheet
1Mb / 2P
   1.5AMP. Silicon Rectifiers
logo
Tiger Electronic Co.,Lt...
SB220 TGS-SB220 Datasheet
47Kb / 2P
   1.5AMP PLASTIC SILICON RECTIFIERS
logo
Tak Cheong Electronics ...
1N5391 TAK_CHEONG-1N5391 Datasheet
103Kb / 2P
   1.5AMP. Standard Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
QG5391A SECOS-QG5391A_15 Datasheet
177Kb / 2P
   1.5AMP Surface Mount Silicon Rectifiers
logo
TAITRON Components Inco...
1N5391J05 TAITRON-1N5391J05 Datasheet
198Kb / 6P
   1.5Amp Standard Rectifiers
logo
SeCoS Halbleitertechnol...
FR151 SECOS-FR151 Datasheet
83Kb / 2P
   1.5AMP Fast Recovery Rectifiers
QG5391A SECOS-QG5391A Datasheet
177Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5AMP Surface Mount Silicon Rectifiers
HER151 SECOS-HER151 Datasheet
76Kb / 2P
   1.5AMP High Efficiency Rectifiers
W005G SECOS-W005G Datasheet
202Kb / 2P
   1.5AMP Single Phase Bridge Rectifiers
logo
Shenzhen Luguang Electr...
FR151G LUGUANG-FR151G Datasheet
177Kb / 2P
   1.5AMP. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com