Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54-120 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CD54-120
Description  CD54 SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CD54-120 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CD54-120 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.7
2.15
2.15
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
CD54 SMD POWER INDUCTOR
CD54 SMD POWER INDUCTOR
00
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
SPECIFICATION
TYPE
= CD54
CONSTRUCTION
= SURFACE MOUNT POWER INDUCTOR
TERIMAL COATING
= NICKEL
OPERATING TEMP.
= -40 TO +85 C
STORAGE TEMP
= -55 TO +125 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 1500PCS/REEL
MARKING
= 3 CHARACTERS, VALUE
NOTE
TOLERANCES K=10%; M=20%.
5.8
5.2
Part
L
Tol
R
DC
I
DC
(
H)
%
MAX
I
N
(
)(A)
CD54-100
10 @2.52 MHz
M
0.1
1.4
CD54-120
12 @2.52 MHz
M
0.12
1.4
CD54-150
15 @2.52 MHz
M
0.14
1.3
CD54-180
18 @2.52 MHz
M
0.15
1.2
CD54-220
22 @2.52 MHz
M
0.18
1.1
CD54-270
27 @2.52 MHz
M
0.2
1
CD54-330
33 @2.52 MHz
M
0.23
0.9
CD54-390
39 @2.52 MHz
M
0.32
0.8
CD54-470
47 @2.52 MHz
M
0.37
0.7
CD54-560
56 @2.52 MHz
K
0.42
0.7
CD54-680
68 @2.52 MHz
K
0.46
0.6
CD54-820
82 @2.52 MHz
K
0.6
0.6
CD54-101
100 @1.0 kHz
K
0.7
0.5
CD54-121
120 @1.0 kHz
K
0.93
0.5
CD54-151
150 @1.0 kHz
K
1.1
0.4
CD54-181
180 @1.0 kHz
K
1.38
0.4
CD54-221
220 @1.0 kHz
K
1.57
0.4


Similar Part No. - CD54-120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-100 TI1-CD54-100 Datasheet
366Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Linear Technology
CD54-101 LINER-CD54-101 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
More results

Similar Description - CD54-120

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD54 SUMIDA-CD54 Datasheet
171Kb / 4P
   CD54
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com